Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFM500XXM65-TS000 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DFM500XXM65-TS000
Description  Fast Recovery Dual Diode Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFM500XXM65-TS000 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DFM500XXM65-TS000_15 Datasheet HTML 1Page - Dynex Semiconductor DFM500XXM65-TS000_15 Datasheet HTML 2Page - Dynex Semiconductor DFM500XXM65-TS000_15 Datasheet HTML 3Page - Dynex Semiconductor DFM500XXM65-TS000_15 Datasheet HTML 4Page - Dynex Semiconductor DFM500XXM65-TS000_15 Datasheet HTML 5Page - Dynex Semiconductor DFM500XXM65-TS000_15 Datasheet HTML 6Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DFM500XXM65-TS000
2/6
www.dynexsemi.com
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device. In
extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package.
Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings may affect
device reliability.
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Max.
Units
VRRM
Repetitive peak reverse voltage
Tj = 125°C
6500
V
Tj = 25°C
6300
V
Tj = -40°C
5800
V
IF
Forward current (per arm)
DC, Tcase = 70°C, Tj = 125°C
500
A
IFM
Max. forward current
Tcase = 115°C, tp = 1ms
1000
A
I
2t
I
2t value fuse current rating
VR = 0, tp = 10ms, Tj = 125°C
100
kA
2s
Pmax
Max. power dissipation
Tcase = 25°C, Tj = 125°C
3300
W
Visol
Isolation voltage
– per module
Commoned terminals to base plate.
AC RMS, 1 min, 50Hz
10.2
kV
QPD
Partial discharge
– per module
IEC1287, V1 = 6900V, V2 = 5100V, 50Hz RMS
10
pC
THERMAL AND MECHANICAL RATINGS
Internal insulation material:
AlN
Baseplate material:
AlSiC
Creepage distance:
56mm
Clearance:
26mm
CTI (Comparative Tracking Index):
> 600
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
Rth(j-c)
Thermal resistance (per arm)
Continuous dissipation
junction to case
-
-
30
°C/kW
Rth(c-h)
Thermal resistance
case to heatsink (per module)
Mounting torque 5Nm
(with mounting grease)
-
-
8
°C/kW
Tj
Junction temperature
-40
-
150
°C
Tstg
Storage temperature range
-40
-
150
°C
Screw Torque
Mounting
– M6
-
-
5
Nm
Electrical connections
– M8
-
-
10
Nm


Similar Part No. - DFM500XXM65-TS000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM500XXM65-TS000 DYNEX-DFM500XXM65-TS000 Datasheet
253Kb / 6P
   Fast Recovery Dual Diode Module
More results

Similar Description - DFM500XXM65-TS000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM200XXM65-F000 DYNEX-DFM200XXM65-F000_15 Datasheet
248Kb / 6P
   Fast Recovery Dual Diode Module
DFM400XXM65-F000 DYNEX-DFM400XXM65-F000 Datasheet
200Kb / 6P
   Fast Recovery Dual Diode Module
DFM200XXM65-F000 DYNEX-DFM200XXM65-F000 Datasheet
248Kb / 6P
   Fast Recovery Dual Diode Module
DFM500XXM65-TS000 DYNEX-DFM500XXM65-TS000 Datasheet
253Kb / 6P
   Fast Recovery Dual Diode Module
DFM600XXM65-F000 DYNEX-DFM600XXM65-F000_15 Datasheet
250Kb / 6P
   Fast Recovery Dual Diode Module
DFM400XXM65-F000 DYNEX-DFM400XXM65-F000_15 Datasheet
200Kb / 6P
   Fast Recovery Dual Diode Module
DFM600XXM65-F000 DYNEX-DFM600XXM65-F000 Datasheet
250Kb / 6P
   Fast Recovery Dual Diode Module
DFM200PXM33-A000 DYNEX-DFM200PXM33-A000_10 Datasheet
249Kb / 6P
   Fast Recovery Diode Module
DFM800NXM33-A000 DYNEX-DFM800NXM33-A000_10 Datasheet
255Kb / 6P
   Fast Recovery Diode Module
DFM1200NXM33-F000 DYNEX-DFM1200NXM33-F000 Datasheet
259Kb / 6P
   Fast Recovery Diode Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com