Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4402-2 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4402-2
Description  Multiband RF Power Controllers for EDGE/TDMA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4402-2 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4402-2 Datasheet HTML 4Page - Linear Technology LTC4402-2 Datasheet HTML 5Page - Linear Technology LTC4402-2 Datasheet HTML 6Page - Linear Technology LTC4402-2 Datasheet HTML 7Page - Linear Technology LTC4402-2 Datasheet HTML 8Page - Linear Technology LTC4402-2 Datasheet HTML 9Page - Linear Technology LTC4402-2 Datasheet HTML 10Page - Linear Technology LTC4402-2 Datasheet HTML 11Page - Linear Technology LTC4402-2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC4402-1/LTC4402-2
4402f
APPLICATIO S I FOR ATIO
Determining External Loop Gain and Bandwidth
The external loop voltage gain contributed by the RF chan-
nel and coupler network should be measured in a closed
loop configuration. A voltage step is applied to PCTL and
the change in VPCA (or VPCB) is measured. The detected RF
voltage is 0.6 • PCTL and the external voltage gain contrib-
uted by the RF power amplifier and coupler network is
0.6 •
∆VPCTL/∆VVPCA.Measuringvoltagegainintheclosed
loop configuration accounts for the nonlinear detector
gain that is dependent on RF input voltage and frequency.
The LTC4402-X unity gain bandwidth specified in the data
sheet assumes that the net voltage gain contributed by the
RF power amplifier and coupler network is unity. The
bandwidth is calculated by measuring the rise time be-
tween 10% and 90% of the voltage change at VPCA or VPCB
for a small step in voltage applied to PCTL.
BW1 = 0.35/rise time
The LTC4402-X control amplifier unity gain bandwidth
(BW1) is typically 450kHz. For PCTL <80mV the phase
margin of the control amplifier is typically 90
°.
For PCTL voltages <80mV, the RF detected voltage is
0.6PCTL. For PCTL voltages >160mV, RF detected voltage
is 1.22PCTL – 0.1. This change in gain is due to an internal
compression circuit designed to extend the detector range.
For example, to determine the external RF channel loop
voltage gain with the loop closed, apply a 100mV step to
PCTL from 0mV to 100mV. VPCA (or VPCB) will increase to
supply enough feedback voltage to the RF pin to cancel
this 100mV step which would be the required detected
voltage of 60mV. Suppose that VPCA changed from 1.498V
to 1.528V to create the RF output power change required.
The net external voltage gain contributed by the RF power
amplifier and directional coupler network can be calcu-
lated by dividing the 60mV change at the RF pin by the
30mV change at the VPCA pin. The net external voltage gain
would then be approximately 2. The loop bandwidth
extends to 2 • BW1. If BW1 is 450kHz, the loop bandwidth
increases to approximately 0.9MHz. The phase margin
can be determined from Figures 2 and 3. Repeat the
above voltage gain measurement over the full power and
frequency range.
External pole frequencies within the loop will further
reduce phase margin. The phase margin degradation, due
to external and internal pole combinations, is difficult to
determine since complex poles are present. Gain peaking
may occur, resulting in higher bandwidth and lower phase
margin than predicted from the open loop Bode plot. A low
frequency AC SPICE model of the LTC4402-X power
controller is included (Figures 6 and 7) to better determine
pole and zero interactions. The user can apply external
gains and poles to determine bandwidth and phase mar-
gin. DC, transient and RF information cannot be extracted
from this model. The model is suitable for external gain
evaluations up to 6
×. The 270kHz PCTL input filter limits
the bandwidth; therefore, use the RF input as demon-
strated in the model.
Figure 2. Measured Open Loop Gain and Phase, PCTL <80mV
Figure 3. Measured Open Loop Gain and Phase, PCTL >160mV
FREQUENCY (Hz)
100
–20
–10
0
20
10
40
30
1k
10k
100k
1M
10M
4402 F02
–30
–40
–50
–60
60
50
80
70
–20
0
20
60
40
100
80
–40
–60
–80
–100
–120
140
120
160
PHASE
GAIN
RLOAD = 2k
CLOAD = 33pF
FREQUENCY (Hz)
100
–20
–10
0
20
10
40
30
1k
10k
100k
1M
10M
4402 F03
–30
–40
–50
–60
60
50
80
70
–20
0
20
60
40
100
80
–40
–60
–80
–100
140
120
180
160
PHASE
RLOAD = 2k
CLOAD = 33pF
GAIN


Similar Part No. - LTC4402-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4402-2 LINER-LTC4402-2 Datasheet
203Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4402-2EMS LINER-LTC4402-2EMS Datasheet
203Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
More results

Similar Description - LTC4402-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4402-1 LINER-LTC4402-1 Datasheet
203Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4403-2 LINER-LTC4403-2_15 Datasheet
200Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4403-1 LINER-LTC4403-1 Datasheet
194Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
LTC4403-1 LINER-LTC4403-1_15 Datasheet
200Kb / 12P
   Multiband RF Power Controllers for EDGE/TDMA
logo
Agere Systems
W3020 AGERE-W3020 Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
logo
Synaptics Incorporated.
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
   Transmit RF IC for TDMA or AMPS Applications
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com