Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN5233DW1T1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMUN5233DW1T1G
Description  Dual Bias ResistorTransistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5233DW1T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMUN5233DW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMUN5233DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN5233DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN5233DW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN5233DW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN5233DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN5233DW1T1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN5233DW1T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN5233DW1T1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LESHAN RADIO COMPANY, LTD.
2/10
DEVICE MARKING , RESISTOR VALUES AND ORDERING INFORMATION
Device
Package
Marking
R1(K)
R2(K)
Shipping
LMUN5211DW1T1G
SOT-363
7A
10
10
3000/Tape&Reel
LMUN5211DW1T3G
SOT-363
7A
10
10
10000/Tape&Reel
LMUN5214DW1T1G
SOT-363
7D
10
47
3000/Tape&Reel
LMUN5215DW1T1G
SOT-363
7E
10
3000/Tape&Reel
10000/Tape&Reel
LMUN5216DW1T1G
SOT-363
7F
4.7
3000/Tape&Reel
10000/Tape&Reel
LMUN5230DW1T1G
SOT-363
7G
1
1
3000/Tape&Reel
LMUN5231DW1T1G
SOT-363
7H
2.2
2.2
3000/Tape&Reel
LMUN5232DW1T1G
SOT-363
7J
4.7
4.7
3000/Tape&Reel
LMUN5233DW1T1G
SOT-363
7K
4.7
47
3000/Tape&Reel
LMUN5234DW1T1G
SOT-363
7L
22
47
3000/Tape&Reel
LMUN5234DW1T3G
SOT-363
7L
22
47
10000/Tape&Reel
LMUN5235DW1T1G
SOT-363
7M
2.2
47
3000/Tape&Reel
LMUN5236DW1T1G
SOT-363
7N
100
100
3000/Tape&Reel
LMUN5237DW1T1G
SOT-363
7P
47
22
3000/Tape&Reel
LMUN5212DW1T1G
SOT-363
7B
22
22
3000/Tape&Reel
LMUN5212DW1T3G
SOT-363
7B
22
22
10000/Tape&Reel
LMUN5213DW1T1G
SOT-363
7C
47
47
3000/Tape&Reel
LMUN5213DW1T3G
SOT-363
7C
47
47
10000/Tape&Reel
LMUN5214DW1T3G
SOT-363
7D
10
47
10000/Tape&Reel
LMUN5215DW1T3G
SOT-363
7E
10
LMUN5216DW1T3G
SOT-363
7F
4.7
LMUN5230DW1T3G
SOT-363
7G
1
1
10000/Tape&Reel
LMUN5231DW1T3G
SOT-363
7H
2.2
2.2
10000/Tape&Reel
LMUN5232DW1T3G
SOT-363
7J
4.7
4.7
10000/Tape&Reel
LMUN5233DW1T3G
SOT-363
7K
4.7
47
10000/Tape&Reel
LMUN5235DW1T3G
SOT-363
7M
2.2
47
10000/Tape&Reel
LMUN5236DW1T3G
SOT-363
7N
100
100
10000/Tape&Reel
LMUN5237DW1T3G
SOT-363
7P
47
22
10000/Tape&Reel
LMUN5211DW1T1G Series


Similar Part No. - LMUN5233DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5233DW1T1G LRC-LMUN5233DW1T1G Datasheet
169Kb / 10P
   Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Similar Description - LMUN5233DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5232DW1T1G LRC-LMUN5232DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5234DW1T1G LRC-LMUN5234DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5211DW1T1G LRC-LMUN5211DW1T1G_15 Datasheet
228Kb / 10P
   Dual Bias ResistorTransistors
LMUN5236DW1T1G LRC-LMUN5236DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5237DW1T1G LRC-LMUN5237DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5212DW1T1G LRC-LMUN5212DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
logo
E-Tech Electronics LTD
MUN5211W ETL-MUN5211W Datasheet
501Kb / 8P
   Dual Bias ResistorTransistors
logo
Yea Shin Technology Co....
MUN5211DW YEASHIN-MUN5211DW Datasheet
994Kb / 10P
   Dual Bias ResistorTransistors
logo
Leshan Radio Company
LMUN5213DW1T1G LRC-LMUN5213DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
LMUN5214DW1T1G LRC-LMUN5214DW1T1G_15 Datasheet
156Kb / 10P
   Dual Bias ResistorTransistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com