Electronic Components Datasheet Search |
|
LMUN5231DW1T1G Datasheet(PDF) 1 Page - Leshan Radio Company |
|
LMUN5231DW1T1G Datasheet(HTML) 1 Page - Leshan Radio Company |
1 / 10 page LESHAN RADIO COMPANY, LTD. 1/10 1 3 2 LMUN5211DW1T1G Series SC-88/SOT-363 6 4 5 Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 3 2 6 4 5 Q1 Q2 R1 R2 R1 R2 7X MARKING DIAGRAM 13 2 6 4 5 DEVICE MARKING INFORMATION See specific marking information in the device marking table on page 2 of this data sheet. 7X = Device Marking = (See Page 2) 256 (Note 2.) 1.5 (Note 1.) 2.0 (Note 2.) MAXIMUM RATINGS (T A = 25°C unless otherwise noted, common for Q 1 and Q 2 ) Rating Symbol Value Unit Collector-Base Voltage V CBO 50 Vdc Collector-Emitter Voltage V CEO 50 Vdc Collector Current I C 100 mAdc THERMAL CHARACTERISTICS Characteristic (One Junction Heated) Symbol Max Unit Total Device Dissipation P D 187 (Note 1.) mW T A = 25°C Derate above 25°C mW/°C Thermal Resistance – R θJA 670 (Note 1.) °C/W Junction-to-Ambient 490 (Note 2.) Characteristic (Both Junctions Heated) Symbol Max Unit Total Device Dissipation T A = 25°C Derate above 25°C P D 250 (Note 1.) 385 (Note 2.) 2.0 (Note 1.) 3.0 (Note 2.) mW mW/°C Thermal Resistance – Junction-to-Ambient R θJA 493 (Note 1.) 325 (Note 2.) °C/W Thermal Resistance – Junction-to-Lead R θJL 188 (Note 1.) 208 (Note 2.) °C/W Junction and Storage Temperature T J , T stg –55 to +150 °C 1. FR–4 @ Minimum Pad 2. FR–4 @ 1.0 x 1.0 inch Pad The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base–emitter resistor. These digital transistors are designed to replace a single device and its external resistor bias network. The BRT eliminates these individual components by integrating them into a single device. In the LMUN5211DW1T1 series, two BRT devices are housed in the SOT–363 package which is ideal for low power surface mount applications where board space is at a premium. • Simplifies Circuit Design • Reduces Board Space • Reduces Component Count • We declare that the material of product compliance with RoHS requirements. |
Similar Part No. - LMUN5231DW1T1G_15 |
|
Similar Description - LMUN5231DW1T1G_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |