Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4150 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4150
Description  Coulomb Counter/ Battery Gas Gauge
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4150 Datasheet HTML 5Page - Linear Technology LTC4150 Datasheet HTML 6Page - Linear Technology LTC4150 Datasheet HTML 7Page - Linear Technology LTC4150 Datasheet HTML 8Page - Linear Technology LTC4150 Datasheet HTML 9Page - Linear Technology LTC4150 Datasheet HTML 10Page - Linear Technology LTC4150 Datasheet HTML 11Page - Linear Technology LTC4150 Datasheet HTML 12Page - Linear Technology LTC4150 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LTC4150
9
4150fc
APPLICATIONS INFORMATION
INT, POL and CLR
INT asserts low each time the LTC4150 measures a unit
of charge. At the same time, POL is latched to indicate
the polarity of the charge unit. The integrator and counter
continue running, so the microcontroller must service and
clear the interrupt before another unit of charge accumu-
lates. Otherwise, one measurement will be lost. The time
available between interrupts is the reciprocal of
Equation 2:
Time per INT Assertion =
1
GVF •⏐VSENSE
(9)
At 50mV full scale, the minimum time available is 596ms.
To be conservative and accommodate for small, unex-
pected excursions above the 50mV sense voltage limit, the
microcontroller should process the interrupt and polarity
information and clear INT within 500ms.
Toggling CLR low for at least 20μs resets INT high and
unlatches POL. Since the LTC4150’s integrator and counter
operate independently of the INT and POL latches, no
charge information is lost during the latched period or
while CLR is low. Charge/discharge information contin-
ues to accumulate during those intervals and accuracy
is unaffected.
Once cleared, INT idles in a high state and POL indicates
real-time polarity of the battery current. POL high indicates
charge flowing into the battery and low indicates charge
flowing out. Indication of a polarity change requires at
least:
t
GV
POL
VF
SENSE
=
2
1024
••⏐⏐
(10)
where VSENSE is the smallest sense voltage magnitude
before and after the polarity change.
Open-drain outputs POL and INT can sink IOL = 1.6mA
at VOL = 0.5V. The minimum pull-up resistance for these
pins should be:
RL > (VCC – 0.5)/1.6mA
(11)
where VCC is the logic supply voltage. Because speed isn’t
an issue, pull-up resistors of 10k or higher are adequate.
Interfacing to INT, POL, CLR and SHDN
The LTC4150 operates directly from the battery, while in
most cases the microcontroller supply comes from some
separate, regulated source. This poses no problem for INT
and POL because they are open-drain outputs and can
be pulled up to any voltage 9V or less, regardless of the
voltage applied to the LTC4150’s VDD.
CLR and SHDN inputs require special attention. To drive
them, the microcontroller or external logic must generate
a minimum logic high level of 1.9V. The maximum input
level for these pins is VDD + 0.3V. If the microcontroller’s
supply is more than this, resistive dividers must be used
on CLR and SHDN. The schematic in Figure 6 shows an
application with INT driving CLR and microcontroller VCC
> VDD. The resistive dividers on CLR and SHDN keep the
voltages at these pins within the LTC4150’s VDD range.
Choose R2 and R1 so that:
(R1 + R2) ≥ 50RL
(12)
19
1
12
.(
)
V
R
RR
V
V
Minimum
CC
DD
+
(13)
Equation 13 also applies to the selection of R3 and R4.
The minimum VDD is the lowest supply to the LTC4150
when the battery powering it is at its lowest discharged
voltage.
When the battery is removed in any application, the CLR
and SHDN inputs are unpredictable. INT and POL outputs
may be erratic and should be ignored until after the bat-
tery is replaced.
If desired, the simple logic of Figure 4 may be used to
derive separate charge and discharge pulse trains from
INT and POL.
INT
CHARGE
DISCHARGE
CLR
POL
LTC4150
4150 F04
Figure 4. Unravelling Polarity—
Separate Charge and Discharge Outputs


Similar Part No. - LTC4150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LTC4150 LINER-LTC4150 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
logo
Analog Devices
LTC4150 AD-LTC4150 Datasheet
714Kb / 18P
   Ultra-Low Power Battery Gas Gauge
Rev. 0
logo
Linear Technology
LTC4150CMS LINER-LTC4150CMS Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
More results

Similar Description - LTC4150

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
[Old version datasheet]   LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
   High-Precision Coulomb Counter
051805
logo
Dallas Semiconductor
DS2740 DALLAS-DS2740 Datasheet
248Kb / 15P
   High-Precision Coulomb Counter
logo
Texas Instruments
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com