Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4150 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4150
Description  Coulomb Counter/ Battery Gas Gauge
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4150 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4150_15 Datasheet HTML 6Page - Linear Technology LTC4150_15 Datasheet HTML 7Page - Linear Technology LTC4150_15 Datasheet HTML 8Page - Linear Technology LTC4150_15 Datasheet HTML 9Page - Linear Technology LTC4150_15 Datasheet HTML 10Page - Linear Technology LTC4150_15 Datasheet HTML 11Page - Linear Technology LTC4150_15 Datasheet HTML 12Page - Linear Technology LTC4150_15 Datasheet HTML 13Page - Linear Technology LTC4150_15 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LTC4150
11
4150fc
APPLICATIONS INFORMATION
PC BOARD LAYOUT SUGGESTIONS
Keep all traces as short as possible to minimize noise
and inaccuracy. The supply bypass capacitor C2 should
be placed close to the LTC4150. The 4.7μF filter capacitor
CF should be placed close the CF+ and CF– pins and should
be a low leakage, unpolarized type. Use a 4-wire Kelvin
sense connection for the sense resistor, locating it close
to the LTC4150 with short sense traces to the SENSE+ and
SENSEpins and longer force lines to the battery pack
and powered load, see Figure 7.
4150 F07
PIN 1
TO BATTERY
TO CHARGER
LTC4150
RSENSE
Figure 7. Kelvin Connection on SENSE Resistor
TYPICAL APPLICATIONS
Figure 8 shows a typical application designed for a single
cell lithium-ion battery and 500mA maximum load current.
Use Equation 1 to calculate RSENSE = 0.05V/0.5A = 0.1Ω.
With RSENSE = 0.1Ω, Equation 7 shows that each interrupt
corresponds to 0.085mAh. Equation 14, derived from
Equation 2, gives the number of INT assertions for average
battery current, IBATT, over a time, t, in seconds:
INT Assertions = GVF • IBATT • RSENSE • t
(14)
Loading the battery so that 51.5mA is drawn from it over
600 seconds results in 100 INT assertions. For an 800mAh
battery, this is (51.5mA • 1/6h) / 800mAh = 11% of the
battery’s capacity.
With a microcontroller supply = 5V, Equation 11 gives
RL > 2.875k. The nearest standard value is 3k.
From Equation 12, RL = 3k gives R1 + R2 equal to 150.5k.
A single cell lithium-ion battery can discharge as low as
2.7V.
From Equation 13, select R1 = 75k; the nearest standard
value for R2 is 76.8k.
Also from Equation 13, we choose R3 = 75k and R4 =
76.8k.
INT
SENSE+
SENSE
SHDN
SHUTDOWN
R4
76.8k
R3
75k
CLR
POL
LTC4150
μP
C2
4.7μF
RL
3k
10
9
8
7
6
1
2
5
4150 F08
VDD
GND
RL
3k
5.0V
POWER-DOWN
SWITCH
CL
47μF
LOAD
CF
+
CF
3
4
CF
4.7μF
SINGLE-CELL
Li-Ion
3.0V ~ 4.2V
RSENSE
0.1Ω
R2
76.8k
R1
75k
+
Figure 8. Typical Application, Single Cell Lithium-Ion Battery


Similar Part No. - LTC4150_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
More results

Similar Description - LTC4150_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4150 LINER-LTC4150 Datasheet
136Kb / 12P
   Coulomb Counter/ Battery Gas Gauge
LTC4150 LINER-LTC4150_1 Datasheet
172Kb / 14P
   Coulomb Counter/ Battery Gas Gauge
logo
STMicroelectronics
STC3100 STMICROELECTRONICS-STC3100 Datasheet
292Kb / 21P
   Battery monitor IC with Coulomb counter/gas gauge
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
[Old version datasheet]   LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Maxim Integrated Produc...
DS2740 MAXIM-DS2740 Datasheet
311Kb / 16P
   High-Precision Coulomb Counter
051805
logo
Dallas Semiconductor
DS2740 DALLAS-DS2740 Datasheet
248Kb / 15P
   High-Precision Coulomb Counter
logo
Texas Instruments
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
logo
Silicon Standard Corp.
SS4002AG SSC-SS4002AG Datasheet
967Kb / 23P
   Smart Li-Ion Battery Gas Gauge
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com