Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4076 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4076
Description  Dual Input Standalone Li-Ion Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4076 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4076 Datasheet HTML 7Page - Linear Technology LTC4076 Datasheet HTML 8Page - Linear Technology LTC4076 Datasheet HTML 9Page - Linear Technology LTC4076 Datasheet HTML 10Page - Linear Technology LTC4076 Datasheet HTML 11Page - Linear Technology LTC4076 Datasheet HTML 12Page - Linear Technology LTC4076 Datasheet HTML 13Page - Linear Technology LTC4076 Datasheet HTML 14Page - Linear Technology LTC4076 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4076
11
4076fa
The power supply status output (PWR) has two states:
pull-down and high impedance. The pull-down state
indicates that power is present at either DCIN or USBIN.
If no power is applied at either pin, the PWR pin is high
impedance, indicating that the LTC4076 lacks sufficient
powertochargethebattery.Thepull-downstateiscapable
of sinking up to 10mA.
Thermal Limiting
Aninternalthermalfeedbackloopreducestheprogrammed
chargecurrentifthedietemperatureattemptstoriseabove
apresetvalueofapproximately105°C.Thisfeatureprotects
the LTC4076 from excessive temperature and allows the
user to push the limits of the power handling capability of
a given circuit board without risk of damaging the device.
The charge current can be set according to typical (not
worst-case) ambient temperature with the assurance that
the charger will automatically reduce the current in worst-
case conditions. DFN power considerations are discussed
further in the Applications Information section.
TRICKLE CHARGE
MODE
1/10th FULL CURRENT
CHRG STATE: PULLDOWN
SHUTDOWN
MODE
IUSBIN DROPS TO 18µA
CHRG STATE: Hi-Z
CHARGE
MODE
FULL CURRENT
CHRG STATE: PULLDOWN
CHARGE
MODE
FULL CURRENT
⇒HPWR = HIGH
1/5 FULL CURRENT
⇒HPWR = LOW
CHRG STATE: PULLDOWN
STANDBY
MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
SHUTDOWN
MODE
IDCIN DROPS TO 20µA
CHRG STATE: Hi-Z
BAT > 2.9V
BAT < 2.9V
BAT < 2.9V
2.9V < BAT
2.9V < BAT
BAT > 2.9V
BAT < 4.1V
BAT < 4.1V
IBAT < ITERMINATE
IN VOLTAGE MODE
IBAT < ITERMINATE
IN VOLTAGE MODE
POWER SELECTION
STANDBY
MODE
NO CHARGE CURRENT
CHRG STATE: Hi-Z
TRICKLE CHARGE
MODE
1/10th FULL CURRENT
CHRG STATE: PULLDOWN
EN
DRIVEN HIGH
EN
DRIVEN LOW
EN
DRIVEN HIGH
DCIN POWER
REMOVED
DCIN POWER
REMOVED
USBIN POWER
REMOVED OR
DCIN POWER
APPLIED
USBIN POWER
REMOVED OR
DCIN POWER
APPLIED
DCIN POWER APPLIED
ONLY USB POWER APPLIED
STARTUP
4076 F01
EN
DRIVEN LOW
Figure 1. LTC4076 State Diagram of a Charge Cycle
OPERATIO


Similar Part No. - LTC4076

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076EDD LINER-LTC4076EDD Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
More results

Similar Description - LTC4076

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4077 LINER-LTC4077 Datasheet
209Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4077 LINER-LTC4077_15 Datasheet
424Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
LTC4076 LINER-LTC4076 Datasheet
416Kb / 16P
   Dual Input Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com