Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4064 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4064
Description  Monolithic Linear Charger for Back-Up Li-Ion Batteries
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4064 Datasheet(HTML) 3 Page - Linear Technology

  LTC4064_15 Datasheet HTML 1Page - Linear Technology LTC4064_15 Datasheet HTML 2Page - Linear Technology LTC4064_15 Datasheet HTML 3Page - Linear Technology LTC4064_15 Datasheet HTML 4Page - Linear Technology LTC4064_15 Datasheet HTML 5Page - Linear Technology LTC4064_15 Datasheet HTML 6Page - Linear Technology LTC4064_15 Datasheet HTML 7Page - Linear Technology LTC4064_15 Datasheet HTML 8Page - Linear Technology LTC4064_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4064
3
sn4064 4064fs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The Absolute Maximum BAT Current Rating of 1.3A is guaranteed
by design and current density calculations. The Absolute Maximum PROG
Current Rating is guaranteed to be 1/1000 of BAT current rating by design.
Note 3: The LTC4064 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPROG
PROG Pin Voltage
RPROG = 3k, IPROG = 500µA
1.5
V
ICHRG
CHRG Pin Weak Pulldown Current
VCHRG = 1V
15
30
50
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.35
0.6
V
VACPR
ACPR Pin Output Low Voltage
IACPR = 5mA
0.35
0.6
V
VFAULT
FAULT Pin Output Low Voltage
IFAULT = 5mA
0.35
0.6
V
IC/10
End of Charge Indication Current Level
RPROG = 3k
44
50
56
mA
tTIMER
TIMER Accuracy
CTIMER = 0.1µF10
%
∆VRECHRG
Recharge Threshold Voltage
VFLOAT - VRECHRG, VBAT > VTRIKL
65
100
135
mV
Charge Termination Timer Expired
VNTC-HOT
NTC Pin Hot Threshold Voltage
VNTC Falling
2.5
V
VHOT-HYS
NTC Pin Hot Hysteresis Voltage
80
mV
VNTC-COLD
NTC Pin Cold Threshold Voltage
VNTC Rising
4.375
V
VCOLD-HYS
NTC Pin Cold Hystersis Voltage
80
mV
VNTC-DIS
NTC Pin Disable Threshold Voltage
VNTC Rising
100
mV
VDIS-HYS
NTC Pin Disable Hystersis Voltage
10
mV
TLIM
Junction Temperature in
105
°C
Constant-Temperature Mode
RON
Power MOSFET “ON” Resistance
375
mΩ
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 4: Failure to solder the exposed backside of the package to the PC
board will result in a thermal resistance much higher than 40°C/W.
Note 5: Supply current includes PROG pin current (approximately 50µA)
but does not include any current delivered to the battery through the BAT
pin (approximately 50mA).
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V


Similar Part No. - LTC4064_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4064EMSE LINER-LTC4064EMSE Datasheet
174Kb / 16P
   Monolithic Linear Charger for Back-Up Li-Ion Batteries
More results

Similar Description - LTC4064_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4064 LINER-LTC4064 Datasheet
174Kb / 16P
   Monolithic Linear Charger for Back-Up Li-Ion Batteries
logo
Integrated Device Techn...
ZSPM4551 IDT-ZSPM4551 Datasheet
463Kb / 29P
   High-Efficiency Charger for Li-Ion Batteries
logo
Renesas Technology Corp
ZSPM4551 RENESAS-ZSPM4551 Datasheet
636Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
January 29, 2016
logo
Integrated Device Techn...
ZSPM4521 IDT-ZSPM4521 Datasheet
470Kb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
List of Unclassifed Man...
ZSPM4551 ETC2-ZSPM4551 Datasheet
1Mb / 30P
   High-Efficiency Charger for Li-Ion Batteries
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
   CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com