Electronic Components Datasheet Search |
|
LTC4064 Datasheet(PDF) 1 Page - Linear Technology |
|
LTC4064 Datasheet(HTML) 1 Page - Linear Technology |
1 / 16 page LTC4064 1 sn4064 4064fs APPLICATIO S FEATURES TYPICAL APPLICATIO DESCRIPTIO ■ File Servers, RAID Systems ■ Storage Products ■ Li-Ion Battery Back-Up ■ Preset 4V Charge Voltage with 1% Accuracy Prolongs 4.2V Li-Ion Battery Lifetime ■ Automatic Recharge ■ Thermal Regulation Maximizes Charging Rate without Risk of Overheating* ■ No MOSFET, Sense Resistor or Blocking Diode Required ■ Programmable Charge Termination Timer ■ Thermistor Input for Temperature Qualified Charging ■ Programmable Charge Current with 7% Accuracy ■ C/10 Charge Current Detection Output ■ 25µA Supply Current in Shutdown Mode ■ Charge Current Monitor Useful for Gas Gauging* ■ Charges Directly from USB Port ■ Tiny Thermally Enhanced 10-pin MSOP Package Monolithic Linear Charger for Back-Up Li-Ion Batteries The LTC4064 is a standalone linear charger optimized for prolonging the life of 1-cell Li-ion batteries in battery back- up applications. By charging to a float voltage of 4V instead of 4.2V or 4.1V, the LTC4064 decelerates the aging process and capacity degradation when the battery is unused for long periods of time but must be in a ready state. An external capacitor programs a safety timer to terminate the charge cycle while the charge current is set externally with a single resistor. When the input supply is removed, the LTC4064 automatically enters a low current sleep mode, dropping the battery drain current to less than 3µA. Additional safety features designed to maximize battery lifetime and reliability include NTC temperature sensing and low battery charge conditioning (trickle charging). The IC contains an on-chip power MOSFET and eliminates the need for an external sense resistor and blocking diode. The LTC4064 also includes C/10 detection circuitry, AC present logic, and fault detection circuitry. , LTC and LT are registered trademarks of Linear Technology Corporation. BAT PROG TIMER NTC GND 1.5k 1% 4.7µF 0.1µF IBAT = 1A 4064TA01 SHDN 1-CELL Li-Ion BATTERY* *AN OUTPUT CAPACITOR MAY BE REQUIRED DEPENDING ON BATTERY LEAD LENGTH VCC VIN = 5V VFLOAT = 4V 8 2 9 7 5, 11 6 4 LTC4064 Standalone Back-Up Li-Ion Battery Charger *US Patent No. 6522118 |
Similar Part No. - LTC4064_15 |
|
Similar Description - LTC4064_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |