Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N052048 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # N052048
Description  48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N052048 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  N052048 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N052048 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KVM Connector 1
(x12) RJ45 (Female)
KVM Connector 2
(x12) RJ45 (Female)
Ports
48
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
2 / 2


Similar Part No. - N052048

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N052012 TRIPPLITE-N052012 Datasheet
475Kb / 2P
   12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N052024 TRIPPLITE-N052024 Datasheet
478Kb / 2P
   24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
More results

Similar Description - N052048

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N052-048 TRIPPLITE-N052-048 Datasheet
159Kb / 2P
   48-Port 2U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N252048 TRIPPLITE-N252048 Datasheet
490Kb / 2P
   48-Port 2U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
N252-048 TRIPPLITE-N252-048 Datasheet
159Kb / 2P
   48-Port 2U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052012 TRIPPLITE-N052012 Datasheet
475Kb / 2P
   12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N052024 TRIPPLITE-N052024 Datasheet
478Kb / 2P
   24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet
N052-012 TRIPPLITE-N052-012 Datasheet
154Kb / 2P
   12-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N052-024 TRIPPLITE-N052-024 Datasheet
155Kb / 2P
   24-Port 1U Rack-Mount Cat5e 110 Patch Panel, 568B, RJ45 Ethernet, TAA
N2520481U TRIPPLITE-N2520481U Datasheet
478Kb / 2P
   48-Port 1U Rack-Mount Cat6/Cat5 High Density 110 Patch Panel, 568B, RJ45 Ethernet
N050012 TRIPPLITE-N050012 Datasheet
495Kb / 2P
   12-Port Wall-Mount Cat5e Patch Panel, 568B, RJ45 Ethernet
N252024 TRIPPLITE-N252024 Datasheet
479Kb / 2P
   24-Port 1U Rack-Mount Cat6/Cat5 110 Patch Panel, 568B, RJ45 Ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com