Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN5141T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMUN5141T1G
Description  Bias Resistor Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5141T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMUN5141T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMUN5141T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN5141T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN5141T1G_15 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
1
LMUN5141T1G
CASE 419, STYLE 3
SOT–323 (SC–70)
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base–emitter
resistor. The BRT eliminates these individual components by integrating
them into a single device. The use of a BRT can reduce both system cost
and board space. The device is housed in the SC–70/SOT–323 package
which is designed for low power surface mount applications.
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
The SC–70/SOT–323 package can be soldered using wave or reflow.
The modified gull–winged leads absorb thermal stress during soldering
eliminating the possibility of damage to the die.
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
PD
202 (Note 1)
mW
TA = 25°C
310 (Note 2)
Derate above 25°C
1.6 (Note 1)
°C/W
2.5 (Note 2)
Thermal Resistance –
RθJA
618 (Note 1)
°C/W
Junction-to-Ambient
403 (Note 2)
Thermal Resistance –
RθJL
280 (Note 1)
°C/W
Junction-to-Lead
332 (Note 2)
Junction and Storage
TJ, Tstg
–55 to +150
°C
Temperature Range
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad
PIN 1
BASE
(INPUT)
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
R
1
R
2
LESHAN RADIO COMPANY, LTD.
We declare that the material of product compliance with RoHS requirements.
3
2
Rev.O 1/4
S-LMUN5141T1G
S- Prefix for Automotive and Other Applications Requiring Unique Site and
Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.
ORDERING INFORMATION
Device
Marking
Shipping
LMUN5141T1G
3000/Tape&Reel
S-LMUN5141T1G
6U


Similar Part No. - LMUN5141T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN5111DW1T1G LRC-LMUN5111DW1T1G Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
LMUN5111DW1T1G LRC-LMUN5111DW1T1G_15 Datasheet
958Kb / 19P
   Dual Bias Resistor Transistors
LMUN5111T1G LRC-LMUN5111T1G Datasheet
174Kb / 12P
   Bias Resistor Transistor
LMUN5112DW1T1 LRC-LMUN5112DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Similar Description - LMUN5141T1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com