Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN5112DW1T1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMUN5112DW1T1G
Description  Dual Bias Resistor Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5112DW1T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMUN5112DW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMUN5112DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN5112DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN5112DW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN5112DW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN5112DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN5112DW1T1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN5112DW1T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN5112DW1T1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DEVICE MARKING AND RESISTOR VALUES
Device
Package
Marking
R 1(K)
R 2(K)
Shipping
LMUN5111DW1T1G
SOT–363
0A
10
10
3000/Tape & Reel
LMUN5112DW1T1G
SOT–363
0B
22
22
3000/Tape & Reel
LMUN5113DW1T1G
SOT–363
0C
47
47
3000/Tape & Reel
LMUN5114DW1T1G
SOT–363
0D
10
47
3000/Tape & Reel
LMUN5115DW1T1G (Note 3.)
SOT–363
0E
10
3000/Tape & Reel
LMUN5116DW1T1G (Note 3.)
SOT–363
0F
4.7
3000/Tape & Reel
LMUN5130DW1T1G (Note 3.)
SOT–363
0G
1.0
1.0
3000/Tape & Reel
LMUN5131DW1T1G (Note 3.)
SOT–363
0H
2.2
2.2
3000/Tape & Reel
LMUN5132DW1T1G (Note 3.)
SOT–363
0J
4.7
4.7
3000/Tape & Reel
LMUN5133DW1T1G (Note 3.)
SOT–363
0K
4.7
47
3000/Tape & Reel
LMUN5134DW1T1G (Note 3.)
SOT–363
0L
22
47
3000/Tape & Reel
LMUN5135DW1T1G (Note 3.)
SOT–363
0M
2.2
47
3000/Tape & Reel
LMUN5136DW1T1G (Note 3.)
SOT–363
0N
100
100
3000/Tape & Reel
LMUN5137DW1T1G (Note 3.)
SOT–363
0P
47
22
3000/Tape & Reel
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 )
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (V CB = –50 V, I E = 0)
I CBO
–100
nAdc
Collector-Emitter Cutoff Current (V CE = –50 V, I B = 0)
I CEO
–500
nAdc
Emitter-Base Cutoff Current
LMUN5111DW1T1G
(V EB = –6.0 V, I C = 0)
LMUN5112DW1T1G
LMUN5113DW1T1G
LMUN5114DW1T1G
LMUN5115DW1T1G
LMUN5116DW1T1G
LMUN5130DW1T1G
LMUN5131DW1T1G
LMUN5132DW1T1G
LMUN5133DW1T1G
LMUN5134DW1T1G
LMUN5135DW1T1G
LMUN5136DW1T1G
LMUN5137DW1T1G
LMUN5111DW1T1G
Series
I EBO
–0.5
–0.2
–0.1
–0.2
–0.9
–1.9
–4.3
–2.3
–1.5
–0.18
–0.13
–0.2
–0.05
–0.13
mAdc
Collector-Base Breakdown Voltage (I C = –10
µA, I
E = 0)
V (BR)CBO
–50
Vdc
Collector-Emitter Breakdown Voltage(Note 4.)(IC = –2.0 mA,I B=0) V (BR)CEO
–50
Vdc
ON CHARACTERISTICS (Note 4.)
Collector-Emitter Saturation Voltage (IC= –10mA,IE= –0.3 mA)
V CE(sat)
–0.25
Vdc
(I C= –10mA, I B= –5mA)
LMUN5130DW1T1G/LMUN5131DW1T1G
(I C= –10mA, IB= –1mA)
LMUN5115DW1T1/LMUN5116DW1T1G
LMUN5132DW1T1G/LMUN5133DW1T1G/LMUN5134DW1T1G
3. New resistor combinations. Updated curves to follow in subsequent data sheets.
4. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
LESHAN RADIO COMPANY, LTD.
2/12


Similar Part No. - LMUN5112DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5112DW1T1G LRC-LMUN5112DW1T1G Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results

Similar Description - LMUN5112DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com