Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN5111DW1T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMUN5111DW1T1G
Description  Dual Bias Resistor Transistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5111DW1T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMUN5111DW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMUN5111DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN5111DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN5111DW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN5111DW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN5111DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN5111DW1T1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN5111DW1T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN5111DW1T1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
3
2
LMUN5111DW1T1G
Series
SC-88/SOT-363
6
4
5
Dual Bias Resistor Transistors
PNP Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
1
3
2
6
4
5
Q1
Q2
R1
R2
R1
R2
XX
MARKING DIAGRAM
13
2
6
4
5
DEVICE MARKING
INFORMATION
See specific marking information in
the device marking table on page 2 of
this data sheet.
xx = Device Marking
= (See Page 2)
256 (Note 2.)
1.5 (Note 1.)
2.0 (Note 2.)
MAXIMUM RATINGS (T A = 25°C unless otherwise noted, common for Q 1 and Q 2 )
Rating
Symbol Value
Unit
Collector-Base Voltage
V CBO
–50
Vdc
Collector-Emitter Voltage
V CEO
–50
Vdc
Collector Current
I C
–100
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
P D
187 (Note 1.)
mW
T A = 25°C
Derate above 25°C
mW/°C
Thermal Resistance –
R θJA
670 (Note 1.)
°C/W
Junction-to-Ambient
490 (Note 2.)
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
T A = 25°C
Derate above 25°C
P D
250 (Note 1.)
385 (Note 2.)
2.0 (Note 1.)
3.0 (Note 2.)
mW
mW/°C
Thermal Resistance –
Junction-to-Ambient
R θJA
493 (Note 1.)
325 (Note 2.)
°C/W
Thermal Resistance –
Junction-to-Lead
R θJL
188 (Note 1.)
208 (Note 2.)
°C/W
Junction and Storage
Temperature
T J , T stg
–55 to +150
°C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad
The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a base–emitter resistor. These
digital transistors are designed to replace a single device and its external resistor bias network.
The BRT eliminates these individual components by integrating them into a single device. In
the LMUN5111DW1T1G series, two BRT devices are housed in the SOT–363 package which
. Simplifies Circuit Design
. Reduces Board Space
. Reduces Component Count
. Available in 8 mm, 7 inch/3000 Unit Tape and Reel
LESHAN RADIO COMPANY, LTD.
Ordering Information
Device
Package
Shipping
LMUN5111DW1T1G Series
SC-88
3000/Tape&Reel
10000/Tape&Reel
LMUN5111DW1T3G Series
SC-88
.S - Prefix for Automotive and Other Applications Requiring Unique Site
compliance with RoHS requirements.
Rev.A 1/19
Series
S-LMUN5111DW1T1G
. We declare that the material of product
and Control Change Requirements; AEC-Q101 Qualified and PPAP Capable.
is ideal for low–power surface mount applications where board space is at a premium.
S-LMUN5111DW1T1G Series
SC-88
S-LMUN5111DW1T3G Series
SC-88


Similar Part No. - LMUN5111DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5111DW1T1G LRC-LMUN5111DW1T1G Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results

Similar Description - LMUN5111DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_05 Datasheet
147Kb / 20P
   Dual Bias Resistor Transistors
September, 2005 ??Rev. 6
MUN5211DW1T1 ONSEMI-MUN5211DW1T1_05 Datasheet
139Kb / 21P
   Dual Bias Resistor Transistors
December, 2005 ??Rev. 7
NSBC114EDXV6 ONSEMI-NSBC114EDXV6_06 Datasheet
81Kb / 9P
   Dual Bias Resistor Transistors
May, 2006 ??Rev. 6
logo
Motorola, Inc
MUN5311DW1T1 MOTOROLA-MUN5311DW1T1 Datasheet
308Kb / 16P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5335DW1T1 ONSEMI-MUN5335DW1T1 Datasheet
281Kb / 34P
   Dual Bias Resistor Transistors
September, 2004 ??Rev. 9
logo
Leshan Radio Company
LMUN5311DW1T1G LRC-LMUN5311DW1T1G_15 Datasheet
275Kb / 29P
   Dual Bias Resistor Transistors
LMUN5316DW1T1G LRC-LMUN5316DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
LMUN5332DW1T1G LRC-LMUN5332DW1T1G_15 Datasheet
268Kb / 29P
   Dual Bias Resistor Transistors
MUN5211DW1T1 LRC-MUN5211DW1T1 Datasheet
199Kb / 8P
   Dual Bias Resistor Transistors
MUN5311DW1T1 LRC-MUN5311DW1T1 Datasheet
367Kb / 13P
   Dual Bias Resistor Transistors
LMUN5114DW1T1G LRC-LMUN5114DW1T1G_15 Datasheet
352Kb / 12P
   Dual Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com