Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3672B-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3672B-1
Description  Monolithic Fixed-Output 400mA Buck Regulator with Dual
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3672B-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC3672B-1 Datasheet HTML 1Page - Linear Technology LTC3672B-1 Datasheet HTML 2Page - Linear Technology LTC3672B-1 Datasheet HTML 3Page - Linear Technology LTC3672B-1 Datasheet HTML 4Page - Linear Technology LTC3672B-1 Datasheet HTML 5Page - Linear Technology LTC3672B-1 Datasheet HTML 6Page - Linear Technology LTC3672B-1 Datasheet HTML 7Page - Linear Technology LTC3672B-1 Datasheet HTML 8Page - Linear Technology LTC3672B-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3672B-1
2
3672B1f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................... –0.3V to 6V
VIN1, BUCKOUT, ENALL, SW,
LDO2 ...........–0.3V to the lesser of (VIN + 0.3V) or 6V
LDO1 ............. –0.3V to the lesser of (VIN1 + 0.3V) or 6V
Junction Temperature ........................................... 125°C
Operating Temperature Range...................... –40 to 85°C
Storage Temperature Range....................... –65 to 125°C
(Notes 1, 2, 3)
TOP VIEW
SW
GND
ENALL
BUCKOUT
VIN
LDO2
LDO1
VIN1
DC PACKAGE
8-LEAD (2mm 2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
TJMAX = 125°C, θJA = 102°C/W, θJC = 20°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3672BEDC-1#PBF
LTC3672BEDC-1#TRPBF
LCWH
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
*For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
2.9
5.5
V
VUVLO
VIN Undervoltage Lockout Threshold
VIN Rising
1.7
2
V
Undervoltage Lockout Hysteresis
12
100
mV
IQ,VIN
VIN Quiescent Current
All Outputs Enabled, No Load
Shutdown
(Note 4)
VBUCKOUT = 1.9V
VENALL = 0V
260
400
1
μA
μA
IQ,VIN1
VIN1 Quiescent Current
All Outputs Enabled, No Load
Shutdown
VIN1 = 1.8V
VENALL = 0V
2.3
5
1
μA
μA
VIL
ENALL Pin Logic Low Voltage
0.4
V
VIH
ENALL Pin Logic High Voltage
1.2
V
RENALL
ENALL Pin Pulldown Resistance
5.5
M
Ω
Synchronous Buck Regulator
fOSC
Oscillator Frequency
1.8
2.25
2.7
MHz
VBUCKOUT
Regulated Output Voltage
1.755
1.8
1.845
V
IMAXP
PMOS Switch Maximum Peak Current (Note 5)
550
800
1100
mA
IOUT,BUCK
Available Output Current
400
mA
RP,BUCK
PMOS Switch On-Resistance
0.6
Ω
RN,BUCK
NMOS Switch On-Resistance
0.7
Ω


Similar Part No. - LTC3672B-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672B-1 LINER-LTC3672B-1 Datasheet
174Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
More results

Similar Description - LTC3672B-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672B-2 LINER-LTC3672B-2_15 Datasheet
163Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3672B-1 LINER-LTC3672B-1 Datasheet
174Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3670 LINER-LTC3670 Datasheet
219Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250_10 Datasheet
995Kb / 20P
   4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
logo
Sipex Corporation
SP6656 SIPEX-SP6656 Datasheet
185Kb / 17P
   High Efficiency 400mA Synchronous Buck Regulator with Bit Programmable Output
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250 Datasheet
594Kb / 15P
   4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
logo
Enpirion, Inc.
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
   400mA Synchronous Buck Regulator with Integrated Inductor
logo
Linear Technology
LTC3446 LINER-LTC3446_15 Datasheet
288Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com