Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4059A Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4059A
Description  900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4059A Datasheet(HTML) 5 Page - Linear Technology

  LTC4059A_15 Datasheet HTML 1Page - Linear Technology LTC4059A_15 Datasheet HTML 2Page - Linear Technology LTC4059A_15 Datasheet HTML 3Page - Linear Technology LTC4059A_15 Datasheet HTML 4Page - Linear Technology LTC4059A_15 Datasheet HTML 5Page - Linear Technology LTC4059A_15 Datasheet HTML 6Page - Linear Technology LTC4059A_15 Datasheet HTML 7Page - Linear Technology LTC4059A_15 Datasheet HTML 8Page - Linear Technology LTC4059A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC4059/LTC4059A
5
4059fb
PI FU CTIO S
GND (Pins 1, 7): Ground/Exposed Pad. The exposed
package pad is ground and must be soldered to the PC
board for maximum heat transfer.
Li CC (Pin 2, LTC4059): Li-Ion/Constant Current Input
Pin. Pulling this pin above VLi CC disables voltage mode
thereby providing a constant current to the BAT pin. This
feature is useful for charging Nickel chemistry batteries.
Tie to GND if unused.
ACPR (Pin 2, LTC4059A): Open-Drain Power Supply
Status Output. When VCC is greater than the undervoltage
lockout threshold, the ACPR pin will pull to ground;
otherwise the pin is forced to a high impedance state.
BAT (Pin 3): Charge Current Output. Provides charge
current to the battery and regulates the final float voltage
to 4.2V. An internal precision resistor divider from this pin
sets this float voltage and is disconnected in shutdown
mode.
VCC (Pin 4): Positive Input Supply Voltage. This pin
provides power to the charger. VCC can range from 3.75V
to 8V. This pin should be bypassed with at least a 1
µF
capacitor. When VCC is within 35mV of the BAT pin
voltage, the LTC4059 enters shutdown mode, dropping
IBAT to less than 4µA.
PROG (Pin 5): Charge Current Program and Charge Cur-
rent Monitor Pin. Connecting a resistor, RPROG, to ground
programs the charge current. When charging in constant-
current mode, this pin servos to 1.21V. In all modes, the
voltage on this pin can be used to measure the charge
current using the following formula:
I
V
R
BAT
PROG
PROG
=
• 1000
EN (Pin 6): Enable Input Pin. Pulling this pin above the
manual shutdown threshold (VMS is typically 0.92V) puts
the LTC4059 in shutdown mode, thus terminating a charge
cycle. In shutdown mode, the LTC4059 has less than 25
µA
supply current and less than 1
µA battery drain current.
Enable is the default state, but the pin should be tied to
GND if unused.


Similar Part No. - LTC4059A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4059A LINER-LTC4059A Datasheet
223Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 쨈 2 DFN
logo
Linear Integrated Syste...
LTC4059A LINEAR-LTC4059A Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4059A LINER-LTC4059A Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4059A LINER-LTC4059A Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4059A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4059 LINER-LTC4059_15 Datasheet
319Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
LTC4059 LINER-LTC4059 Datasheet
223Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 쨈 2 DFN
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058 LINER-LTC4058 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com