Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4059 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4059
Description  900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4059 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4059 Datasheet HTML 4Page - Linear Technology LTC4059 Datasheet HTML 5Page - Linear Technology LTC4059 Datasheet HTML 6Page - Linear Technology LTC4059 Datasheet HTML 7Page - Linear Technology LTC4059 Datasheet HTML 8Page - Linear Technology LTC4059 Datasheet HTML 9Page - Linear Technology LTC4059 Datasheet HTML 10Page - Linear Technology LTC4059 Datasheet HTML 11Page - Linear Technology LTC4059 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC4059/LTC4059A
9
4059fb
Power Dissipation
The conditions that cause the LTC4059/LTC4059A to
reduce charge current through thermal feedback can be
approximated by considering the power dissipated in the
IC. For high charge currents, the LTC4059 power dissipa-
tion is approximately:
PD = (VCC – VBAT) • IBAT
where PD is the power dissipated, VCC is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. It is not necessary to perform any worst-case
power dissipation scenarios because the LTC4059/
LTC4059A will automatically reduce the charge current to
maintain the die temperature at approximately 115
°C.
However, the approximate ambient temperature at which
the thermal feedback begins to protect the IC is:
TA = 115°C – PDθJA
TA = 115°C – (VCC – VBAT) • IBAT • θJA
Example: Consider an LTC4059 operating from a 5V wall
adapter providing 900mA to a 3.7V Li-Ion battery. The
ambient temperature above which the LTC4059/LTC4059A
begin to reduce the 900mA charge current is approximately:
TA = 115°C – (5V – 3.7V) • (900mA) • 50°C/W
TA = 115°C – 1.17W • 50°C/W = 115°C – 59°C
TA = 56°C
The LTC4059 can be used above 56
°C, but the charge
current will be reduced from 900mA. The approximate
current at a given ambient temperature can be calculated:
I
CT
VV
BAT
A
CC
BAT
JA
=
°
()
115
–•
θ
Using the previous example with an ambient temperature
of 65
°C,thechargecurrentwillbereducedtoapproximately:
I
CC
VV
C W
C
CA
ImA
BAT
BAT
=
°°
() °
=
°
°
=
115
65
53 7
50
50
65
770
–.
/
/
Furthermore, the voltage at the PROG pin will change
proportionally with the charge current as discussed in the
Programming Charge Current section.
It is important to remember that LTC4059/LTC4059A
applications do not need to be designed for worst-case
thermal conditions since the IC will automatically reduce
power dissipation when the junction temperature reaches
approximately 115
°C.
Board Layout Considerations
In order to be able to deliver maximum charge current
under all conditions, it is critical that the exposed metal
pad on the backside of the LTC4059/LTC4059A package is
soldered to the PC board ground. Correctly soldered to a
2500mm2 double sided 1oz copper board the LTC4059/
LTC4059A have a thermal resistance of approximately
60
°C/W. Failure to make thermal contact between the
exposed pad on the backside of the package and the
copper board will result in thermal resistances far greater
than 60
°C/W.Asanexample,acorrectlysolderedLTC4059/
LTC4059A can deliver over 900mA to a battery from a 5V
supply at room temperature. Without a backside thermal
connection, this number could drop to less than 500mA.
Stability Considerations
The LTC4059 contains two control loops: constant voltage
and constant current. The constant-voltage loop is stable
without any compensation when a battery is connected
with low impedance leads. Excessive lead length, how-
ever, may add enough series inductance to require a
bypass capacitor of at least 1
µF from BAT to GND. Further-
more, a 4.7
µF capacitor with a 0.2Ω to 1Ω series resistor
from BAT to GND is required to keep ripple voltage low
when the battery is disconnected.
High value capacitors with very low ESR (especially ce-
ramic) reduce the constant-voltage loop phase margin.
Ceramic capacitors up to 22
µF may be used in parallel with
a battery, but larger ceramics should be decoupled with
0.2
Ω to 1Ω of series resistance.
In constant-current mode, the PROG pin is in the feedback
loop, not the battery. Because of the additional pole
created by PROG pin capacitance, capacitance on this pin
must be kept to a minimum. With no additional capaci-
tance on the PROG pin, the charger is stable with program
resistor values as high as 12k. However, additional ca-
pacitance on this node reduces the maximum allowed
APPLICATIO S I FOR ATIO


Similar Part No. - LTC4059

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4059 LINER-LTC4059 Datasheet
223Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 쨈 2 DFN
logo
Linear Integrated Syste...
LTC4059 LINEAR-LTC4059 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4059 LINER-LTC4059 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4059 LINER-LTC4059 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4059 LINER-LTC4059 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results

Similar Description - LTC4059

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4059A LINER-LTC4059A_15 Datasheet
319Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
LTC4059 LINER-LTC4059 Datasheet
223Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 쨈 2 DFN
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058 LINER-LTC4058 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com