Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX25032ASA00A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1EX25032ASA00A
Description  Serial Peripheral Interface 32k EEPROM (4-kword8-bit) 64k EEPROM (8-kword8-bit) Electrically Erasable and Programmable Read Only Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX25032ASA00A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1EX25032ASA00A_15 Datasheet HTML 5Page - Renesas Technology Corp R1EX25032ASA00A_15 Datasheet HTML 6Page - Renesas Technology Corp R1EX25032ASA00A_15 Datasheet HTML 7Page - Renesas Technology Corp R1EX25032ASA00A_15 Datasheet HTML 8Page - Renesas Technology Corp R1EX25032ASA00A_15 Datasheet HTML 9Page - Renesas Technology Corp R1EX25032ASA00A_15 Datasheet HTML 10Page - Renesas Technology Corp R1EX25032ASA00A_15 Datasheet HTML 11Page - Renesas Technology Corp R1EX25032ASA00A_15 Datasheet HTML 12Page - Renesas Technology Corp R1EX25032ASA00A_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
R1EX25032Axx00A/R1EX25064Axx00A
REJ03C0358-0002.Rev.0.02 Jan.14.2009
Timing Waveforms
Serial Input Timing
S
C
tCHSL
tSLCH
tCHDX
tCLCH
tCHCL
tSHCH
tCHSH
tSHSL
tDVCH
MSB IN
LSB IN
D
Q
High Impedance
Hold Timing
tCHHL
S
HOLD
C
D
Q
tHLCH
tCHHH
tHLQZ
tHHQX
tHHCH
Output Timing
S
C
D
Q
LSB OUT
ADDR
LSB IN
tQLQH
tQHQL
tSHQZ
tCH
tCL
tCLQV
tCLQX
tCLQV
tCLQX
page 7 of 20


Similar Part No. - R1EX25032ASA00A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - R1EX25032ASA00A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX25032ASA00I RENESAS-R1EX25032ASA00I_15 Datasheet
274Kb / 22P
   Serial Peripheral Interface 32k EEPROM (4-kword 횞 8-bit) 64k EEPROM (8-kword 횞 8-bit)
HN58X25128I RENESAS-HN58X25128I Datasheet
182Kb / 22P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
HN58X25512I RENESAS-HN58X25512I Datasheet
576Kb / 22P
   Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2432SI RENESAS-HN58X2432SI_05 Datasheet
155Kb / 22P
   Two-wire serial interface 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EV58064BXXN RENESAS-R1EV58064BXXN Datasheet
691Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit)
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX25008ASA00I RENESAS-R1EX25008ASA00I Datasheet
962Kb / 24P
   Serial Peripheral Interface 8k EEPROM (1024-word 횞 8-bit) 16k EEPROM (2048-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A_15 Datasheet
581Kb / 24P
   Serial Peripheral Interface 2k EEPROM (256-word 횞 8-bit) 4k EEPROM (512-word 횞 8-bit) Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com