Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX24016ASAS0A Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1EX24016ASAS0A
Description  Two-wire serial interface 16k EEPROM (2-kword8-bit)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24016ASAS0A Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1EX24016ASAS0A_15 Datasheet HTML 1Page - Renesas Technology Corp R1EX24016ASAS0A_15 Datasheet HTML 2Page - Renesas Technology Corp R1EX24016ASAS0A_15 Datasheet HTML 3Page - Renesas Technology Corp R1EX24016ASAS0A_15 Datasheet HTML 4Page - Renesas Technology Corp R1EX24016ASAS0A_15 Datasheet HTML 5Page - Renesas Technology Corp R1EX24016ASAS0A_15 Datasheet HTML 6Page - Renesas Technology Corp R1EX24016ASAS0A_15 Datasheet HTML 7Page - Renesas Technology Corp R1EX24016ASAS0A_15 Datasheet HTML 8Page - Renesas Technology Corp R1EX24016ASAS0A_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
R1EX24016AxxS0A
Pin Description
Pin name
Function
A0 to A2
Device address
SCL
Serial clock input
SDA
Serial data input/output
WP
Write protect
V
CC
Power supply
V
SS
Ground
NC
No connection
Block Diagram
Control
logic
High voltage generator
Memory array
Y-select & Sense amp.
Serial-parallel converter
VCC
VSS
WP
A0, A1, A2
SCL
SDA
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to V
SS
V
CC
−0.6 to +7.0
V
Input voltage relative to V
SS
Vin
−0.5*2 to +7.0*3
V
Operating temperature range*
1
Topr
−40 to +85
°C
Storage temperature range
Tstg
−55 to +125
°C
Notes: 1. Including electrical characteristics and data retention.
2. Vin (min):
−3.0 V for pulse width ≤ 50 ns.
3. Should not exceed V
CC + 1.0 V.
REJ03C0350-0101 Rev.1.01 Jan. 13, 2009
Page 3 of 22


Similar Part No. - R1EX24016ASAS0A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24016ASAS0A RENESAS-R1EX24016ASAS0A Datasheet
181Kb / 24P
   Two-wire serial interface 16k EEPROM (2-kword 횞 8-bit)
More results

Similar Description - R1EX24016ASAS0A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24016ASA00I RENESAS-R1EX24016ASA00I Datasheet
170Kb / 22P
   Two-wire serial interface 16k EEPROM (2-kword 횞 8-bit)
R1EX24016ASAS0A RENESAS-R1EX24016ASAS0A Datasheet
181Kb / 24P
   Two-wire serial interface 16k EEPROM (2-kword 횞 8-bit)
R1EX24016ASAS0I RENESAS-R1EX24016ASAS0I Datasheet
180Kb / 24P
   Two-wire serial interface 16k EEPROM (2-kword 횞 8-bit)
R1EX24016ASA00A RENESAS-R1EX24016ASA00A Datasheet
170Kb / 22P
   Two-wire serial interface 16k EEPROM (2-kword 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G_15 Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com