Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3531-3 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3531-3
Description  200mA Buck-Boost Synchronous DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531-3 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3531-3 Datasheet HTML 7Page - Linear Technology LTC3531-3 Datasheet HTML 8Page - Linear Technology LTC3531-3 Datasheet HTML 9Page - Linear Technology LTC3531-3 Datasheet HTML 10Page - Linear Technology LTC3531-3 Datasheet HTML 11Page - Linear Technology LTC3531-3 Datasheet HTML 12Page - Linear Technology LTC3531-3 Datasheet HTML 13Page - Linear Technology LTC3531-3 Datasheet HTML 14Page - Linear Technology LTC3531-3 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
11
3531fb
S I FOR ATIO
APPLICATIO
Table 3. Capacitor Vendor Information
Supplier
Series
Phone
Website
AVX
X5R
(803) 448-9411
www.avxcorp.com
Murata
X5R
USA: (814) 237-1431 www.murata.com
(800) 831-9172
Sanyo
POSCAP (619) 661-6322
www.sanyovideo.com
Taiyo Yuden X5R
(408) 573-4150
www.taiyo-yuden.com
TDK
X5R
(847) 803-6100
www.component.tdk.com
Component Selection
Only three power components are required to
complete the design of the buck-boost converter, VOUT
programming resistors are needed for the adjustable
version. The high operating frequency and low peak
currents of the LTC3531 allow the use of low value, low
profile inductors and tiny external ceramic capacitors.
Inductor Selection
For best efficiency, choose an inductor with high frequency
core material, such as ferrite, to reduce core loses. The
inductor should have low DCR (DC resistance) to reduce
the I2R losses, and must be able to handle the peak
inductor current without saturating. A 10μH to 22μH in-
ductor value with a >500mA current rating and <400mΩ
DCR is recommended. For applications where radiated
noise is a concern, a toroidal or shielded inductor can be
used. Table 2 contains a list of inductor manufacturers.
Capacitor Selection
The buck-boost convertor requires two capacitors. Ceramic
X5R types will minimize ESL and ESR while maintaining
capacitance at rated voltage over temperature. The VIN
capacitor should be at least 2.2μF. The VOUT capacitor
should be between 4.7μF and 22μF. A larger output capaci-
tor should be used if lower peak to peak output voltage
ripple is desired. A larger output capacitor will also improve
load regulation on VOUT. See Table 3 for a list of capacitor
manufacturers for input and output capacitor selection.
Table 2. Inductor Vendor Information
Supplier
Series
Phone
Website
COEV
DN4835
(800) 227-7040
www.coev.net
Coilcraft
MSS4020
(847) 639-6400
www.coilcraft.com
LPO3310
DS1608
Murata
LQH43CN
USA: (814) 237-1431
www.murata.com
LQH32CN
(800) 831-9172
Sumida
CDRH4D18
USA: (847) 956-0666
www.sumida.com
CDRH3D16/HP
Japan: 81-3-3607-5111
Toko
D312C
(847) 297-0070
www.tokoam.com
D412C
DB320C


Similar Part No. - LTC3531-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531-3 LINER-LTC3531-3 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3531-3 LINER-LTC3531-3 Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3531-3.3 LINER-LTC3531-3.3 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
More results

Similar Description - LTC3531-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
   300mA Buck-Boost Synchronous DC/DC Converters
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
logo
Shenzhen Huazhimei Semi...
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
   Synchronous Buck-Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com