Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3525-3.3 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3525-3.3
Description  400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3525-3.3 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3525-3.3 Datasheet HTML 4Page - Linear Technology LTC3525-3.3 Datasheet HTML 5Page - Linear Technology LTC3525-3.3 Datasheet HTML 6Page - Linear Technology LTC3525-3.3 Datasheet HTML 7Page - Linear Technology LTC3525-3.3 Datasheet HTML 8Page - Linear Technology LTC3525-3.3 Datasheet HTML 9Page - Linear Technology LTC3525-3.3 Datasheet HTML 10Page - Linear Technology LTC3525-3.3 Datasheet HTML 11Page - Linear Technology LTC3525-3.3 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3525-3/
LTC3525-3.3/LTC3525-5
8
3525fc
For more information www.linear.com/LTC3525
SHDN (Pin 1): Logic-Controlled Shutdown Input. Con-
nect to a voltage >1V to enable the LTC3525. Connect to
a voltage <0.4V to disable the LTC3525.
GND (Pins 2, 5): Ground.
VIN (Pin 3): Input Voltage. The LTC3525 is powered from
VIN until VOUT exceeds VIN. Once VOUT is greater than (VIN
+ 0.2V typical), it is powered from VOUT. Place a ceramic
bypass capacitor from VIN to GND. A minimum value of
1µF is recommended.
VOUT (Pin 4): Output Voltage Sense and the Output of the
Synchronous Rectifier. Connect the output filter capacitor
from VOUT to GND, close to the IC. A minimum value of
10µF ceramic is recommended. Use 22µF for reduced
output ripple. The output disconnect feature disconnects
VOUT from VIN when SHDN is <0.4V.
SW (Pin 6): Switch Pin. Connect an inductor from this
pin to VIN. An internal antiringing resistor is connected
across SW and VIN after the inductor current has dropped
to zero to minimize EMI.
pin FuncTions


Similar Part No. - LTC3525-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
281Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
321Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3525-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3525-3 LINER-LTC3525-3 Datasheet
281Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
321Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3 Datasheet
240Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525D-3.3 LINER-LTC3525D-3.3 Datasheet
224Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
LTC3525D-3.3 LINER-LTC3525D-3.3_15 Datasheet
491Kb / 14P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
logo
Monolithic Power System...
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
   400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com