Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV02ATELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV02ATELL
Description  Quad. 2-input NOR Gates
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV02ATELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV02ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LV02ATELL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HD74LV02A
Rev.3.00, May 21, 2004, page 2 of 7
Pin Arrangement
(Top view)
11
12
13
14 V
4Y
4B
4A
3Y
3B
3A
CC
1
2
3
4
5
6
7
8
9
10
1Y
GND
1A
1B
2Y
2A
2B
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
–0.5 to 7.0
V
Input voltage range*
1
VI
–0.5 to 7.0
V
–0.5 to VCC + 0.5
Output: H or L
Output voltage range*
1, 2
VO
–0.5 to 7.0
V
VCC: OFF
Input clamp current
IIK
–20
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±25
mA
VO = 0 to VCC
Continuous current through
VCC or GND
ICC or
IGND
±50
mA
785
SOP
Maximum power dissipation at
Ta = 25°C (in still air)*
3
PT
500
mW
TSSOP
Storage temperature
Tstg
–65 to 150
°C
Notes: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.
1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are
observed.
2. This value is limited to 5.5 V maximum.
3. The maximum package power dissipation was calculated using a junction temperature of 150°C.


Similar Part No. - HD74LV02ATELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV02ATELL RENESAS-HD74LV02ATELL Datasheet
65Kb / 8P
   Quad. 2-input NOR Gates
More results

Similar Description - HD74LV02ATELL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7402 FAIRCHILD-DM7402 Datasheet
33Kb / 3P
   Quad 2-Input NOR Gates
logo
Renesas Technology Corp
RD74LVC02B RENESAS-RD74LVC02B Datasheet
69Kb / 8P
   Quad. 2-input NOR Gates
logo
Hitachi Semiconductor
HD74LV02A HITACHI-HD74LV02A Datasheet
52Kb / 13P
   Quad. 2-input NOR Gates
logo
Renesas Technology Corp
RD74LVC02B RENESAS-RD74LVC02B_15 Datasheet
93Kb / 10P
   Quad. 2-input NOR Gates
logo
National Semiconductor ...
5402 NSC-5402 Datasheet
93Kb / 4P
   Quad 2-Input NOR Gates
54LS02 NSC-54LS02 Datasheet
120Kb / 6P
   Quad 2-Input NOR Gates
logo
Renesas Technology Corp
HD74LV02A RENESAS-HD74LV02A Datasheet
65Kb / 8P
   Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02 Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02_15 Datasheet
123Kb / 9P
   Quad. 2-input NOR Gates
logo
Hitachi Semiconductor
HD74HC02 HITACHI-HD74HC02 Datasheet
46Kb / 8P
   Quad. 2-input NOR Gates
logo
Renesas Technology Corp
HD74LVC02 RENESAS-HD74LVC02 Datasheet
177Kb / 6P
   Quad. 2-input NOR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com