Electronic Components Datasheet Search |
|
AB-13TOPY-24VD-T20-0 Datasheet(PDF) 3 Page - A-BRIGHT Inc |
|
AB-13TOPY-24VD-T20-0 Datasheet(HTML) 3 Page - A-BRIGHT Inc |
3 / 3 page A A A---B B BR R RIIIG G GH H HT TT A-BRIGHT INDUSTRIAL CO., LTD. A-BRIGHT 11/27/2009 3 Part No.: AB-13TOPY-24VD-T20-0 Multi Lamps LED Bulb FEATURE: SUPER LUMINOSITY YELLOW LED (AlGaInP). WATER CLEAR PACKAGE. 3 CHIPS TOP VIEW LED. WIDE VIEWING ANGLE. WEDGE BASE T20. ELECTRIC DC. MATERIALS: LED LENS: UV RESISTENT EPOXY ABSOLUTE MAXIMUM RATING: Ta = 25 ℃ PEAK OPERATE VOLTAGE........................ 28 V OPERATING TEMPERATURE...................... -25 TO +85℃ STORAGE TEMPERATURE......................... -35 TO +100℃ LED BULB LIFE……………………………….. 50000 HOURS (LUMINANCE REDUCES to 50%) ABSOLUTE OPTICAL CHARACTERISTIC Ta= 25℃ PARAMETER SYMBOL MIN. TYP. MAX. UNIT Operate Voltage V ----- 24 ----- V Luminous Intensity IF= 80 mA I V 9000 14000 ----- mcd Dominant Wavelength IF= 80 mA λ d ----- 590 ----- nm Spectrum Radiation Bandwidth IF= 80 mA Δ λ ----- 30 ----- nm Forward Current VIN= 24 V DC IF ----- 80 ----- mA Viewing Angle 2 θ1/2 ----- 360 ----- deg |
Similar Part No. - AB-13TOPY-24VD-T20-0_15 |
|
Similar Description - AB-13TOPY-24VD-T20-0_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |