Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2141 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2141
Description  LED array reference design board
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2141 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2141 Datasheet HTML 1Page - STMicroelectronics AN2141 Datasheet HTML 2Page - STMicroelectronics AN2141 Datasheet HTML 3Page - STMicroelectronics AN2141 Datasheet HTML 4Page - STMicroelectronics AN2141 Datasheet HTML 5Page - STMicroelectronics AN2141 Datasheet HTML 6Page - STMicroelectronics AN2141 Datasheet HTML 7Page - STMicroelectronics AN2141 Datasheet HTML 8Page - STMicroelectronics AN2141 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN2141
Timing diagram
5/18
2
Timing diagram
The typical timing diagram is shown in Figure 2. The DATA, CLOCK and LATCH waveforms
are shown. The data are changed with the falling edge of the clock frequency. For example,
in Figure 2 one byte (01101001) can be seen. When all data are written to the drivers
through the SPI, the microcontroller sets the latch input terminal (LE) pin to “log 1" and
rewrites the data to the storage registers. In the next step the LE pin is grounded and thus
the following data can be transmitted to the shift registers without changes in the output
stage. The data in the storage registers are converted to the output constant current stages
by the output enable (EO) pin. Thanks to the output enable pin, the brightness can be
regulated through the PWM signal. Both LED array reference designs have adjustable delay
time via potentiometer after implementation of the “latch signal”. Thanks to this feature the
blinking speed can be regulated (time between sending data packets is changed).
Figure 2.
Timing diagram


Similar Part No. - AN2141

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2141 PANASONIC-AN2141 Datasheet
210Kb / 5P
   Video Camera Luminance Signal Processing Circuit
More results

Similar Description - AN2141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3407 TI1-LM3407_14 Datasheet
427Kb / 13P
[Old version datasheet]   Evaluation Board Reference Design
logo
Freescale Semiconductor...
T1024 FREESCALE-T1024 Datasheet
549Kb / 49P
   QorIQ T1024 Reference Design Board
logo
NXP Semiconductors
LS1043A NXP-LS1043A Datasheet
4Mb / 2P
   QorIQ LS1043A Reference Design Board
logo
Freescale Semiconductor...
P1022DS-PB FREESCALE-P1022DS-PB Datasheet
468Kb / 2P
   P1020/P1011 Reference Design Board
P1020RDB-PB FREESCALE-P1020RDB-PB Datasheet
585Kb / 2P
   P1020/P1011 Reference Design Board
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_11 Datasheet
805Kb / 34P
   SEPIC Automotive LED Driver Reference Design
08/02/11
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com