Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD6379 Datasheet(PDF) 16 Page - NEC

Part # UPD6379
Description  2-CHANNEL 16-BIT D/A CONVERTER FOR AUDIO APPLICATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6379 Datasheet(HTML) 16 Page - NEC

Back Button UPD6379 Datasheet HTML 8Page - NEC UPD6379 Datasheet HTML 9Page - NEC UPD6379 Datasheet HTML 10Page - NEC UPD6379 Datasheet HTML 11Page - NEC UPD6379 Datasheet HTML 12Page - NEC UPD6379 Datasheet HTML 13Page - NEC UPD6379 Datasheet HTML 14Page - NEC UPD6379 Datasheet HTML 15Page - NEC UPD6379 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
[MEMO]
µPD6379, 6379A, 6379L, 6379AL
• The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
• No part of this document may be copied or reproduced in any form or by any means without the prior written
consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in
this document.
• NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property
rights of third parties by or arising from use of a device described herein or any other liability arising from use
of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other
intellectual property rights of NEC Corporation or others.
• Descriptions of circuits, software, and other related information in this document are provided for illustrative
purposes in semiconductor product operation and application examples. The incorporation of these circuits,
software, and information in the design of the customer's equipment shall be done under the full responsibility
of the customer. NEC Corporation assumes no responsibility for any losses incurred by the customer or third
parties arising from the use of these circuits, software, and information.
• While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices,
the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or
property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety
measures in its design, such as redundancy, fire-containment, and anti-failure features.
• NEC devices are classified into the following three quality grades:
"Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a
customer designated “quality assurance program“ for a specific application. The recommended applications of
a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device
before using it in a particular application.
Standard: Computers, office equipment, communications equipment, test and measurement equipment,
audio and visual equipment, home electronic appliances, machine tools, personal electronic
equipment and industrial robots
Special:
Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster
systems, anti-crime systems, safety equipment and medical equipment (not specifically designed
for life support)
Specific:
Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life
support systems or medical equipment for life support, etc.
The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books.
If customers intend to use NEC devices for applications other than those specified for Standard quality grade,
they should contact an NEC sales representative in advance.
M7 98.8


Similar Part No. - UPD6379

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6379 RENESAS-UPD6379 Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
UPD6379A RENESAS-UPD6379A Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
UPD6379AGR RENESAS-UPD6379AGR Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
UPD6379AL RENESAS-UPD6379AL Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
UPD6379ALGR RENESAS-UPD6379ALGR Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD6379

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6376 NEC-UPD6376 Datasheet
140Kb / 20P
   AUDIO 2-CHANNEL 16-BIT D/A CONVERTER
logo
Intersil Corporation
HI2559 INTERSIL-HI2559 Datasheet
669Kb / 11P
   1-Bit D/A Converter For Audio Application
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
   16-Bit D/A Converter for Digital Audio?
LC78815M SANYO-LC78815M Datasheet
188Kb / 10P
   TWO-Channel, 16-bit D/A Converter for Digital Audio Applications
logo
Rohm
BU9480F ROHM-BU9480F Datasheet
56Kb / 5P
   16-bit stereo D / A converter for audio applications
logo
Cirrus Logic
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
logo
Unisonic Technologies
M1725 UTC-M1725_15 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
M1725 UTC-M1725 Datasheet
221Kb / 10P
   16-BIT,96KHZ STEREO AUDIO D/A CONVERTER
logo
Sanyo Semicon Device
LC78816MB SANYO-LC78816MB Datasheet
276Kb / 11P
   16-Bit D/A Converter for Use in Digital Audio Products
logo
NEC
UPD63210 NEC-UPD63210 Datasheet
141Kb / 18P
   16-BIT D/A CONVERTER WITH BUILT-IN DIGITAL FILTER FOR AUDIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com