Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD6336 Datasheet(PDF) 6 Page - NEC

Part # UPD6336
Description  QUAD/OCTAL 6BIT D/A CONVERTER CMOS LSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6336 Datasheet(HTML) 6 Page - NEC

Back Button UPD6336 Datasheet HTML 2Page - NEC UPD6336 Datasheet HTML 3Page - NEC UPD6336 Datasheet HTML 4Page - NEC UPD6336 Datasheet HTML 5Page - NEC UPD6336 Datasheet HTML 6Page - NEC UPD6336 Datasheet HTML 7Page - NEC UPD6336 Datasheet HTML 8Page - NEC UPD6336 Datasheet HTML 9Page - NEC UPD6336 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
µPD6325, µPD6326, µPD6335, µPD6336
6
DATA CONFIGURATION
Data Length is 12 bit.
D0
First
Last
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
0
D11
Target device
PD6325, 6326
PD6335, 6336
LSB
MSB
D/A output CONTROL BIT
0
D10
0
D9
0
D8
Don't Care
0
PD6325, 6326
PD6335, 6336
001
DA1
0
PD6325, 6326
PD6335, 6336
010
DA2
0
PD6325, 6326
PD6335, 6336
011
DA3
0
PD6325, 6326
PD6335, 6336
100
DA4
0
PD6326
PD6336
101
DA5
0
PD6326
PD6336
110
DA6
0
PD6326
PD6336
111
DA7
1
PD6326
PD6336
000
DA8
1
PD6325, 6326
PD6335, 6336
×××
Don't Care
Select D/A
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
D5
Output Voltage
D/A Output Voltage CONTROL BIT
D4
D3
D2
0
D7
Note
OPTION2 is only
PD6325, 6326
OPTION output CONTROL BIT
0
D6
L
0
OPTION2 is only
PD6325, 6326
1L
1
OPTION2 is only
PD6325, 6326
0H
1
OPTION2 is only
PD6325, 6326
1H
OPTION2
out.
µ
µ
µ
µ
L
H
L
H
OPTION1
out.
D1
D0
0VDD/64
000
00
0
2 x VDD/64
000
01
0
3 x VDD/64
000
10
0
4 x VDD/64
000
11
1
63 x VDD/64
111
10
1VDD
111
11


Similar Part No. - UPD6336

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6336 RENESAS-UPD6336 Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1995
UPD6336C RENESAS-UPD6336C Datasheet
245Kb / 18P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD6336

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5871A NPC-SM5871A Datasheet
1Mb / 22P
   CMOS LSI(Digital Audio D/A Converter)
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
   Octal 8 Bit CMOS D/A Converter
DAC8800 AD-DAC8800 Datasheet
307Kb / 16P
   Octal 8-Bit CMOS D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX7228 MAXIM-MX7228 Datasheet
379Kb / 12P
   CMOS Octal 8-Bit D/A Converter
1989
logo
NEC
UPD6951 NEC-UPD6951 Datasheet
216Kb / 10P
   6 BIT D/A CONVERTER FOR VIDEO SIGNAL PROCESSING CMOS LSI
logo
Analog Devices
AD9280 AD-AD9280_17 Datasheet
438Kb / 25P
   CMOS A/D Converter
AD876 AD-AD876_17 Datasheet
370Kb / 17P
   CMOS A/D Converter
AD9200 AD-AD9200_17 Datasheet
374Kb / 25P
   CMOS A/D Converter
DAC8408 AD-DAC8408 Datasheet
217Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FPCZ AD-DAC8408FPCZ Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com