Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3403 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3403
Description  1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3403 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3403_15 Datasheet HTML 7Page - Linear Technology LTC3403_15 Datasheet HTML 8Page - Linear Technology LTC3403_15 Datasheet HTML 9Page - Linear Technology LTC3403_15 Datasheet HTML 10Page - Linear Technology LTC3403_15 Datasheet HTML 11Page - Linear Technology LTC3403_15 Datasheet HTML 12Page - Linear Technology LTC3403_15 Datasheet HTML 13Page - Linear Technology LTC3403_15 Datasheet HTML 14Page - Linear Technology LTC3403_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC3403
3403f
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. Because the
LTC3403’s control loop does not depend on the output
capacitor’s ESR for stable operation, ceramic capacitors
can be used freely to achieve very low output ripple and
small circuit size.
However, care must be taken when ceramic capacitors are
used at the input and the output. When a ceramic capacitor
is used at the input and the power is supplied by a wall
adapter through long wires, a load step at the output can
induce ringing at the input, VIN. At best, this ringing can
couple to the output and be mistaken as loop instability. At
worst, a sudden inrush of current through the long wires
can potentially cause a voltage spike at VIN large enough
to damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage charac-
teristics of all the ceramics for a given value and size.
Ceramic capacitors of Y5V material are not recommended
because normal operating voltages cause their bulk ca-
pacitance to become much less than the nominal value.
Programming the Output Voltage With a DAC
The output voltage can be dynamically programmed to any
voltage from 0.3V to 3.5V with an external DAC driving the
REF pin. When the output is commanded low, the output
voltage descends quickly in forced continuous mode
pulling current from the output and transferring it to the
input. If the input is not connected to a low impedance
source capable of absorbing the energy, the input voltage
could rise above the absolute maximum voltage of the part
and get damaged. The faster VOUT is commanded low, the
higher is the voltage spike at the input. For best results,
ramp the REF pin from high to low as slow as the
application will allow. Avoid abrupt changes in voltage of
>0.2V/
µs. If ramp control is unavailable, an RC filter with
a time constant of 10
µs can be inserted between the REF
pin and the DAC as shown in Figure 3.
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in LTC3403 circuits: VIN quiescent current and I2R
losses. The VIN quiescent current loss dominates the
efficiency loss at very low load currents whereas the I2R
loss dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve at
very low load currents can be misleading since the actual
power lost is of little consequence as illustrated in
Figure 4.
APPLICATIO S I FOR ATIO
LTC3403
REF
GND
DAC
10k
1000pF
Figure 3. Filtering the REF Pin
Figure 4. Power Lost vs Load Current
LOAD CURRENT (mA)
0.1
1
0.00001
0.001
1
10
100
1000
3406 F04
0.0001
0.01
0.1
VOUT = 1.2V
VOUT = 1.5V
VOUT = 1.8V
VOUT = 2.5V


Similar Part No. - LTC3403_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3403EDD LINER-LTC3403EDD Datasheet
920Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
More results

Similar Description - LTC3403_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3408 LINER-LTC3408_15 Datasheet
166Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3403 LINER-LTC3403 Datasheet
920Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3408 LINER-LTC3408 Datasheet
156Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Champion Microelectroni...
CM3706A CHAMP-CM3706A Datasheet
489Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com