Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBT3904WT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LMBT3904WT1G
Description  General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3904WT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMBT3904WT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBT3904WT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBT3904WT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBT3904WT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBT3904WT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBT3904WT1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0
100
200
300
400
500
600
0
50
100
150
200
250
25℃
125℃
Vcc=40V ,
IC/IB=10
0
0.05
0.1
0.15
0.2
0.25
0.3
0.001
0.01
0.1
1
IC, COLLECTOR CURRENT (mA)
Fig.5 RISE TIME
IC, COLLECTOR CURRENT (A)
Fig.6 COLLECTOR EMITTER SATURATION
VOLTAGE VS. COLLECTOR CURRENT
LESHAN RADIO COMPANY, LTD.
Rev.A 4/6
ELECTRICAL CHARACTERISTIC CURVES
(Ta = 25°C)
1
10
100
1000
0
50
100
150
200
250
IC/IB=20 125℃
IC/IB=10 125℃
IC/IB=20 25℃
IC/IB=10 25℃
ts'=ts-1/8tf
IB1=IB2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.0001
0.001
0.01
0.1
1
IC, COLLECTOR CURRENT (mA)
Fig.7 STORAGE TIME
IC, COLLECTOR CURRENT (A)
Fig.8 BASE EMITTER SATURATION VOLTAGE
VS. COLLECTOR CURRENT
LMBT3904WT1G,S-LMBT3904WT1G
IC/IB=10
-55℃
25℃
75℃
100℃
125℃
-55℃
25℃
75℃
100℃
125℃
IC/IB=10


Similar Part No. - LMBT3904WT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3904WT1G LRC-LMBT3904WT1G_V01 Datasheet
419Kb / 5P
   General Purpose Transistors NPN Silicon
R ev.C Jun. 2019
More results

Similar Description - LMBT3904WT1G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com