Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3214 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3214
Description  500mA Camera LED Charge Pump
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3214 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3214 Datasheet HTML 4Page - Linear Technology LTC3214 Datasheet HTML 5Page - Linear Technology LTC3214 Datasheet HTML 6Page - Linear Technology LTC3214 Datasheet HTML 7Page - Linear Technology LTC3214 Datasheet HTML 8Page - Linear Technology LTC3214 Datasheet HTML 9Page - Linear Technology LTC3214 Datasheet HTML 10Page - Linear Technology LTC3214 Datasheet HTML 11Page - Linear Technology LTC3214 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC3214
10
3214fb
Power Efficiency
To calculate the power efficiency (
η) of a white LED
driver chip, the LED power should be compared to the
input power. The difference between these two numbers
represents lost power whether it is in the charge pump
or the current sources. Stated mathematically, the power
efficiency is given by:
η≡
P
P
LED
IN
The efficiency of the LTC3214 depends upon the mode in
which it is operating. Recall that the LTC3214 operates
as a pass switch, connecting VIN to CPO, until dropout
is detected at the ILED pin. This feature provides the op-
timum efficiency available for a given input voltage and
LED forward voltage. When it is operating as a switch, the
efficiency is approximated by:
η≡
=
P
P
VI
VI
V
V
LED
IN
LED
LED
IN
IN
LED
IN
since the input current will be very close to the LED
current.
At moderate to high output power, the quiescent current
of the LTC3214 is negligible and the expression above is
valid.
Once dropout is detected at the ILED pin, the LTC3214
enables the charge pump in 1.5x mode.
APPLICATIONS INFORMATION
In 1.5x boost mode, the efficiency is similar to that of a
linear regulator with an effective input voltage of 1.5 times
the actual input voltage. This is because the input current
for a 1.5x charge pump is approximately 1.5 times the
load current. In an ideal 1.5x charge pump, the power
efficiency would be given by:
η
IDEAL
LED
IN
LED
LED
IN
LED
LED
IN
P
P
VI
VI
V
V
≡=
•.
.
15
15
Similarly, in 2x boost mode, the efficiency is similar to
that of a linear regulator with an effective input voltage
of 2 times the actual input voltage. In an ideal 2x charge
pump, the power efficiency would be given by:
η
IDEAL
LED
IN
LED
LED
IN
LED
LED
IN
P
P
VI
VI
V
V
≡=
••
22
Thermal Management
For higher input voltages and maximum output current,
there can be substantial power dissipation in the LTC3214.
If the junction temperature increases above approximately
165°C, the thermal shutdown circuitry will automatically
deactivate the output. To reduce maximum junction tem-
perature, a good thermal connection to the PC board is
recommended. Connecting the Exposed Pad to a ground
plane and maintaining a solid ground plane under the
device can reduce the thermal resistance of the package
and PC board considerably.


Similar Part No. - LTC3214

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
   500mA Camera LED Charge Pump
LTC3214EDD LINER-LTC3214EDD Datasheet
184Kb / 12P
   500mA Camera LED Charge Pump
More results

Similar Description - LTC3214

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
   500mA Camera LED Charge Pump
logo
Monolithic Power System...
MP3214 MPS-MP3214 Datasheet
329Kb / 9P
   500mA LED Camera Flash Charge Pump
EV3214DQ-00A MPS-EV3214DQ-00A Datasheet
200Kb / 4P
   500mA, LED Camera Flash Charge Pump EV Board
logo
Linear Technology
LTC3218 LINER-LTC3218_15 Datasheet
165Kb / 12P
   400mA Single Wire Camera LED Charge Pump
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
Linear Technology
LTC3218 LINER-LTC3218 Datasheet
190Kb / 12P
   400mA Single Wire Camera LED Charge Pump
logo
ams AG
AS3683 AMSCO-AS3683 Datasheet
409Kb / 4P
   1A Backlight and Camera LED Power Charge Pump
logo
Linear Technology
LTC3217 LINER-LTC3217 Datasheet
184Kb / 12P
   600mA Low Noise Multi-LED Camera Light Charge Pump
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com