Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM800XSM33-F000 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DIM800XSM33-F000
Description  Single Switch IGBT Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM800XSM33-F000 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DIM800XSM33-F000_15 Datasheet HTML 1Page - Dynex Semiconductor DIM800XSM33-F000_15 Datasheet HTML 2Page - Dynex Semiconductor DIM800XSM33-F000_15 Datasheet HTML 3Page - Dynex Semiconductor DIM800XSM33-F000_15 Datasheet HTML 4Page - Dynex Semiconductor DIM800XSM33-F000_15 Datasheet HTML 5Page - Dynex Semiconductor DIM800XSM33-F000_15 Datasheet HTML 6Page - Dynex Semiconductor DIM800XSM33-F000_15 Datasheet HTML 7Page - Dynex Semiconductor DIM800XSM33-F000_15 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DIM800XSM33-F000
4/8
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
ELECTRICAL CHARACTERISTICS
Tcase = 25°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
td(off)
Turn-off delay time
IC = 800A
VGE = ±15V
VCE = 1800V
Cge = 220nF
LS ~ 100nH
RG(ON) = 3.9
RG(OFF) = 6.2
3.0
μs
tf
Fall time
270
ns
EOFF
Turn-off energy loss
1050
mJ
td(on)
Turn-on delay time
1300
ns
tr
Rise time
275
ns
EON
Turn-on energy loss
RG(ON) = 2.7
RG(OFF) = 6.2
1250
mJ
Qrr
Diode reverse recovery charge
IF = 800A
VCE = 1800V
dIF/dt = 4000A/μs
320
μC
Irr
Diode reverse recovery current
670
A
Erec
Diode reverse recovery energy
300
mJ
Tcase = 125°C unless stated otherwise
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
td(off)
Turn-off delay time
IC = 800A
VGE = ±15V
VCE = 1800V
Cge = 220nF
LS ~ 100nH
RG(ON) = 3.9
RG(OFF) = 6.2
3.1
μs
tf
Fall time
280
ns
EOFF
Turn-off energy loss
1200
mJ
td(on)
Turn-on delay time
1200
ns
tr
Rise time
315
ns
EON
Turn-on energy loss
RG(ON) = 2.7
RG(OFF) = 6.2
1750
mJ
Qrr
Diode reverse recovery charge
IF = 800A
VCE = 1800V
dIF/dt = 4000A/μs
600
μC
Irr
Diode reverse recovery current
800
A
Erec
Diode reverse recovery energy
600
mJ


Similar Part No. - DIM800XSM33-F000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM800XSM33-F000 DYNEX-DIM800XSM33-F000_11 Datasheet
357Kb / 8P
   Single Switch IGBT Module
More results

Similar Description - DIM800XSM33-F000_15

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM1800ESM12-A000 DYNEX-DIM1800ESM12-A000 Datasheet
331Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS000 DYNEX-DIM800XSM45-TS000 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001 Datasheet
403Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000_15 Datasheet
373Kb / 8P
   Single Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_12 Datasheet
365Kb / 8P
   Single Switch IGBT Module
DIM1200FSS12-A000 DYNEX-DIM1200FSS12-A000 Datasheet
350Kb / 8P
   Single Switch IGBT Module
DIM1800ESS12-A000 DYNEX-DIM1800ESS12-A000 Datasheet
368Kb / 8P
   Single Switch IGBT Module
GP1200FSS18 DYNEX-GP1200FSS18 Datasheet
132Kb / 10P
   Single Switch IGBT Module
DIM800XSM33-F000 DYNEX-DIM800XSM33-F000 Datasheet
288Kb / 8P
   Single Switch IGBT Module
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000 Datasheet
180Kb / 10P
   Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001_15 Datasheet
403Kb / 8P
   Single Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com