Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6QE2G595N2EJ Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # G6QE2G595N2EJ
Description  SAW Dual Filter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

G6QE2G595N2EJ Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  G6QE2G595N2EJ Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc G6QE2G595N2EJ Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc G6QE2G595N2EJ Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc G6QE2G595N2EJ Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc G6QE2G595N2EJ Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc G6QE2G595N2EJ Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc G6QE2G595N2EJ Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc G6QE2G595N2EJ Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc G6QE2G595N2EJ Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
*Pb Free part
Customer Name
Standard Specification
System
Band38 /Band40- Rx(50/100ohm)
DATE
Apr.12, 2013
Part Number
G6QE2G595N2EJ
Version 1.0aa
Final
RoHS
G
RoHS
RoHS
GMSL1
Table 2. Electrical specifications (Filter2)
Passband: 2300 ~ 2400 MHz
Item
Condition (MHz)
Specification
Unit
Remarks
Min.
Typ.
Max.
Insertion Loss
2300~2400
-
2.8
3.5
dB(*1)
Ripple
2300~2400
-
1.1
1.9
dB
VSWR (Input)
2300~2400
-
1.9
2.4
-
VSWR (Output)
2300~2400
-
1.7
2.3
-
Absolute attenuation
10~200
40
108
-
dB
200~2000
35
42
-
dB
2000~2215
30
35
-
dB
2215~2240
20
37
-
dB
2430~2460
8
18
-
dB
2460~2485
21
26
-
dB
2485~3000
22
27
-
dB
3000~4800
24
34
-
dB
4800~5240
23
33
-
dB
5240~8000
15
30
-
dB
Amplitude Balance |S21|/|S31|
2300~2400
-1.9
-1.3/-0.1
+1.9
dB
Phase Balance (
ΦS21-ΦS31)+180
2300~2400
-15
-8/+1
+15
deg.
Input Impedance
Unbalanced
50//6.8nH
ohm
Output Impedance
Balanced
100//5.1nH
ohm
Operating Temperature
-20 ~ +85
oC
(*1) Specification of insertion loss includes loss that comes from the test board. (0.15dB)


Similar Part No. - G6QE2G595N2EJ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6QE OMRON-G6QE Datasheet
180Kb / 4P
   PCB Power Relays
0219/0718
G6QE-1A OMRON-G6QE-1A Datasheet
180Kb / 4P
   PCB Power Relays
0219/0718
G6QE-1ADC12 OMRON-G6QE-1ADC12 Datasheet
180Kb / 4P
   PCB Power Relays
0219/0718
G6QE-1ADC24 OMRON-G6QE-1ADC24 Datasheet
180Kb / 4P
   PCB Power Relays
0219/0718
G6QE-1ADC5 OMRON-G6QE-1ADC5 Datasheet
180Kb / 4P
   PCB Power Relays
0219/0718
More results

Similar Description - G6QE2G595N2EJ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G6KT-1G9600-Y4RU TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RU Datasheet
325Kb / 12P
   SAW Dual Filter
FAR-G6QC-1G9600-N2CB TAIYO-YUDEN-FAR-G6QC-1G9600-N2CB Datasheet
493Kb / 12P
   SAW Dual Filter
G5QT942M5N2VA TAIYO-YUDEN-G5QT942M5N2VA Datasheet
503Kb / 13P
   SAW Dual Filter
G6QD2G017N2DC TAIYO-YUDEN-G6QD2G017N2DC Datasheet
542Kb / 13P
   SAW Dual Filter
G6QN2G017M2RD TAIYO-YUDEN-G6QN2G017M2RD Datasheet
294Kb / 11P
   SAW Dual Filter
FAR-G6QC-1G9600-N2FA TAIYO-YUDEN-FAR-G6QC-1G9600-N2FA Datasheet
481Kb / 12P
   SAW Dual Filter
G6QD1G960N2DY TAIYO-YUDEN-G6QD1G960N2DY Datasheet
569Kb / 13P
   SAW Dual Filter
FAR-G5QC-942M50-N2CD TAIYO-YUDEN-FAR-G5QC-942M50-N2CD Datasheet
535Kb / 12P
   SAW Dual Filter
FAR-G6KG-2G1400-Y4SH TAIYO-YUDEN-FAR-G6KG-2G1400-Y4SH Datasheet
543Kb / 15P
   SAW Dual Filter
FAR-G6KT-1G9600-Y4RY TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RY Datasheet
1Mb / 12P
   SAW Dual Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com