Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3204-3.3 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3204-3.3
Description  Low Noise Regulated Charge Pump in 2 2 DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3204-3.3 Datasheet(HTML) 4 Page - Linear Technology

  LTC3204-3.3 Datasheet HTML 1Page - Linear Technology LTC3204-3.3 Datasheet HTML 2Page - Linear Technology LTC3204-3.3 Datasheet HTML 3Page - Linear Technology LTC3204-3.3 Datasheet HTML 4Page - Linear Technology LTC3204-3.3 Datasheet HTML 5Page - Linear Technology LTC3204-3.3 Datasheet HTML 6Page - Linear Technology LTC3204-3.3 Datasheet HTML 7Page - Linear Technology LTC3204-3.3 Datasheet HTML 8Page - Linear Technology LTC3204-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3204-3.3/LTC3204-5/
LTC3204B-3.3/LTC3204B-5
4
3204fa
SUPPLY VOLTAGE (V)
1.8
100
90
80
70
60
50
40
30
20
10
0
2.2
2.6
2.8
2.0
2.4
3.0
3.2
TEMPERATURE (
°C)
–50
0
50
100
6
7
5
9
3204 G09
VIN = 1.8V
VOUT = 3V
3204 G12
3204 G14
3204 G13
3204 G15
3204 G07
SUPPLY VOLTAGE (V)
400
350
300
250
200
150
100
50
0
3204 G08
1.5
2.0
2.5
3.0
3.5
8
IOUT = 1mA
THEORETICAL MAX
IOUT = 30mA
LOAD CURRENT (mA)
0
3.35
3.30
3.25
3.20
3.15
3.10
3.05
100
200
300
400
500
VIN = 1.8V
VIN = 2.4V
VIN = 3.2V
VOUT = 3.168V
TA = 25°C
TA = 90°C
TA = –45°C
SUPPLY VOLTAGE (V)
1.8
44
46
50
52
54
64
58
2.2
2.6
2.8
3204 G10
48
60
62
56
0
0.2
0.6
0.8
1.0
2.0
1.4
0.4
1.6
1.8
1.2
2
2.4
3
3.2
LTC3204B-3.3
LTC3204-3.3
LOAD CURRENT (mA)
0.01
0.1
1
0.01
0.1
1
10
100
3204 G11
10
1000
LTC3204B-3.3
(NON-BURST MODE
OPERATION)
LTC3204-3.3
(BURST MODE
OPERATION)
VIN = 2.4V
VOUT Soft-Start Response
Output Ripple
Load Transient Response
No-Load Input Current vs
Supply Voltage
Extra Input Current vs Load Current
(IIN-2ILOAD)
Effective Open-Loop Output
Resistance vs Temperature
(TA = 25°C, CFLY = CIN = COUT = 2.2µF unless otherwise specified)
Load Regulation
Output Load Capability at 4%
Below Regulation
(LTC3204-3.3/LTC3204B-3.3 ONLY)
VOUT
20mV/DIV
(AC COUPLED)
IOUT
50mA
30mA
10µs/DIV
VOUT
2V/DIV
SHDN
2V/DIV
500µs/DIV
VOUT
20mV/DIV
(AC COUPLED)
500ns/DIV
VIN = 2.4V
ILOAD = 50mA
VIN = 2.4V
ILOAD = 50mA
VIN = 2.4V
IOUT = 30mA TO 50mA STEP
3204 G13
3204 G14
3204 G15
Efficiency vs Supply Voltage
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC3204-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3204-3.3 LINER-LTC3204-3.3 Datasheet
604Kb / 12P
   Low Noise Regulated Charge Pump in 2 X 2 DFN
LTC3204-3.3 LINER-LTC3204-3.3 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
logo
Analog Devices
LTC3204-3.3 AD-LTC3204-3.3 Datasheet
242Kb / 20P
   Wide VIN Range Buck-Boost Charge Pump with Watchdog Timer
More results

Similar Description - LTC3204-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3204B-5 LINER-LTC3204B-5_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204-5 LINER-LTC3204-5_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204B-3.3 LINER-LTC3204B-3.3_15 Datasheet
634Kb / 12P
   Low Noise Regulated Charge Pump in 2 2 DFN
LTC3204 LINER-LTC3204 Datasheet
604Kb / 12P
   Low Noise Regulated Charge Pump in 2 X 2 DFN
LTC3221 LINER-LTC3221 Datasheet
490Kb / 12P
   Micropower, Regulated Charge Pump in 2 횞 2 DFN
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
ON Semiconductor
CAT3200HU2 ONSEMI-CAT3200HU2_14 Datasheet
129Kb / 9P
   Low Noise Regulated Charge Pump DC-DC Converter
September, 2014 ??Rev. 5
logo
SHOUDING Shouding Semic...
SD6210A SHOUDING-SD6210A Datasheet
1Mb / 7P
   Low Noise Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com