Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2935 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2935
Description  Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935 Datasheet(HTML) 4 Page - Linear Technology

  LTC2935 Datasheet HTML 1Page - Linear Technology LTC2935 Datasheet HTML 2Page - Linear Technology LTC2935 Datasheet HTML 3Page - Linear Technology LTC2935 Datasheet HTML 4Page - Linear Technology LTC2935 Datasheet HTML 5Page - Linear Technology LTC2935 Datasheet HTML 6Page - Linear Technology LTC2935 Datasheet HTML 7Page - Linear Technology LTC2935 Datasheet HTML 8Page - Linear Technology LTC2935 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC2935
4
2935fa
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Normalized Reset and Power-Fail
Thresholds vs Temperature
Comparator Undervoltage
Glitch Immunity
Reset Timeout Period
vs Temperature
Voltage Output Low vs Pull-Up
Current (RST, PFO)
Voltage Output High vs Pull-Down
Current (RST, PFO)
VCC (V)
0
0
200
400
600
800
1000
1
23
4
2935 G01
56
–40°C
25°C
85°C
S0 = S1 = S2 = GND
TEMPERATURE (°C)
–50
0.985
0.990
0.995
1.000
1.005
1.015
–25
025
50
2935 G02
75
100
1.010
COMPARATOR OVERDRIVE (%)
0.1
2.0
2.5
1
10
100
1.5
1.0
0.5
0
3.0
2935 G03
VCC = 3.6V
COMPARATORS PULL DOWN
ABOVE CURVE
TEMPERATURE (°C)
–50
140
160
180
200
220
260
–25
025
50
2935 G04
75
100
240
VCC = 3.6V
PULL-UP CURRENT (mA)
0
0
20
40
60
80
100
1
234
2935 G05
5
–40°C
25°C
85°C
VCC = 3V
PULL-DOWN CURRENT (mA)
0
3.2
3.3
3.4
3.5
3.6
–0.2
–0.4
–0.6
–0.8
2935 G06
–1
–40°C
25°C
85°C
LTC2935-2
VCC = 3.6V
TA = 25°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reset and Power-Fail Outputs: RST, PFO
VOL
Voltage Output Low
VCC = 1V, 200μA Pull-Up Current
VCC = 3V, 3mA Pull-Up Current
S2, S1, S0 = Low
l
l
25
50
100
150
mV
mV
VOH
Voltage Output High (LTC2935-2)
–200μA Pull-Down Current
l 0.7 • VCC
V
IOH
Current Output High, Leakage (LTC2935-1)
VRST, VPFO = 3.6V
l
±1
±10
nA
tRST
Reset Timeout Period
l
140
200
260
ms
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 3.6V, unless otherwise noted. (Note 2)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. All currents into pins are positive, all voltages are referenced to
GND unless otherwise noted.
Note 3. Guaranteed by design. Characterized, but not production tested.


Similar Part No. - LTC2935

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2935 LINER-LTC2935 Datasheet
166Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935 LINER-LTC2935 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2935CDC-1-TRMPBF LINER-LTC2935CDC-1-TRMPBF Datasheet
166Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935CDC-1-TRPBF LINER-LTC2935CDC-1-TRPBF Datasheet
166Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935CDC-2-TRMPBF LINER-LTC2935CDC-2-TRMPBF Datasheet
166Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
More results

Similar Description - LTC2935

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2935 LINER-LTC2935 Datasheet
166Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2934 LINER-LTC2934_15 Datasheet
182Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2934 LINER-LTC2934 Datasheet
174Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com