Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2934 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2934
Description  Ultra-Low Power Adjustable Supervisor with Power-Fail Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2934 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2934 Datasheet HTML 4Page - Linear Technology LTC2934 Datasheet HTML 5Page - Linear Technology LTC2934 Datasheet HTML 6Page - Linear Technology LTC2934 Datasheet HTML 7Page - Linear Technology LTC2934 Datasheet HTML 8Page - Linear Technology LTC2934 Datasheet HTML 9Page - Linear Technology LTC2934 Datasheet HTML 10Page - Linear Technology LTC2934 Datasheet HTML 11Page - Linear Technology LTC2934 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC2934
10
2934f
2.00
±0.10
(4 SIDES)
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
± 0.10
BOTTOM VIEW—EXPOSED PAD
0.64
± 0.10
(2 SIDES)
0.75
±0.05
R = 0.115
TYP
R = 0.05
TYP
1.37
±0.10
(2 SIDES)
1
4
8
5
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DC8) DFN 0106 REVØ
0.23
± 0.05
0.45 BSC
0.25
± 0.05
1.37
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.64
±0.05
(2 SIDES)
1.15
±0.05
0.70
±0.05
2.55
±0.05
PACKAGE
OUTLINE
0.45 BSC
PIN 1 NOTCH
R = 0.20 OR
0.25
× 45°
CHAMFER
PACKAGE DESCRIPTION
DC Package
8-Lead Plastic DFN (2mm
× 2mm)
(Reference LTC DWG # 05-08-1719 Rev Ø)


Similar Part No. - LTC2934

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2934 LINER-LTC2934 Datasheet
174Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2934 LINER-LTC2934 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2934CDC-1-TRMPBF LINER-LTC2934CDC-1-TRMPBF Datasheet
174Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2934CDC-1-TRPBF LINER-LTC2934CDC-1-TRPBF Datasheet
174Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2934CDC-2-TRMPBF LINER-LTC2934CDC-2-TRMPBF Datasheet
174Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
More results

Similar Description - LTC2934

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2934 LINER-LTC2934 Datasheet
174Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2935 LINER-LTC2935 Datasheet
166Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
TLV840 TI-TLV840_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Texas Instruments
TLV840 TI-TLV840_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V04 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com