Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1834D Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA1834D
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1834D Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA1834D Datasheet HTML 1Page - KEC(Korea Electronics) KTA1834D Datasheet HTML 2Page - KEC(Korea Electronics) KTA1834D Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 3. 27
2/3
KTA1834D/L
Revision No : 5
-0.001
COLLECTOR CURRENT I (A)
C
0
COLLECTOR EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
h
- I
-0.2
FE
C
FE
h
- I
C
COLLECTOR CURRENT I (A)
C
-0.01
-0.1
-1
-10
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
V
=-2V
CE
-0.01
-0.1
-1
-10
-20
V
=-5V
CE
30
1k
50
100
300
500
Ta=25 C
V
=-2V
CE
V
=-1V
CE
30
V
=-2V
CE
-0.1
-0.01
-1
Ta=150 C
-20
-10
50
100
300
500
1K
2K
Ta=25 C
Ta=-55 C
COLLECTOR CURRENT I (A)
-0.01
-0.03
-0.1
-0.3
C
-3
V
- I
CE(sat)
C
-1
-3
-10 -20
Ta=25 C
40
-10
-30
-100
-300
-1K
I /I =80
B
C
20
COLLECTOR CURRENT I (A)
-10
-3
C
-300
-100
-30
-1K
I /I =80
CB
Ta=-55 C
V
- I
CE(sat)
C
-0.1
-0.01
-1
-10 -20
Ta=150 C
Ta=25 C
Ta=25 C
Ta=150 C
Ta=-55 C
-0.1
COLLECTOR CURRENT I (A)
-0.01
-3
-100
-30
-10
-1K
-300
I /I =80
B
C
-1
C
-10
-20
C
BE(sat)
V
- I


Similar Part No. - KTA1834D

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1834D KEC-KTA1834D_15 Datasheet
909Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KTA1834D

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com