Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3494 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3494
Description  Micropower Low Noise Boost Converters with Output Disconnect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3494 Datasheet(HTML) 1 Page - Linear Technology

  LT3494 Datasheet HTML 1Page - Linear Technology LT3494 Datasheet HTML 2Page - Linear Technology LT3494 Datasheet HTML 3Page - Linear Technology LT3494 Datasheet HTML 4Page - Linear Technology LT3494 Datasheet HTML 5Page - Linear Technology LT3494 Datasheet HTML 6Page - Linear Technology LT3494 Datasheet HTML 7Page - Linear Technology LT3494 Datasheet HTML 8Page - Linear Technology LT3494 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT3494/LT3494A
1
3494fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Micropower Low Noise
Boost Converters with
Output Disconnect
The LT
®3494/LT3494A are low noise boost converters
with integrated power switch, Schottky diode and output
disconnect circuitry. The parts use a novel* control tech-
nique resulting in low output voltage ripple as well as high
efficiency over a wide load current range. This technique
guarantees that the switching frequency stays above the
audio band for the entire load range. The parts feature a high
performance NPN power switch with a 350mA and 180mA
current limit for the LT3494A and LT3494 respectively. The
quiescent current is a low 65μA, which is further reduced
to less than 1μA in shutdown. The internal disconnect
circuitry allows the output voltage to be isolated from the
input during shutdown. An auxiliary reference input (CTRL
pin) overrides the internal 1.225V feedback reference with
any lower value allowing full control of the output voltage
during operation. The LT3494/LT3494A are available in a
tiny 8-lead 3mm
× 2mm DFN package.
OLED Power Supply from One Li-Ion Cell
Low Quiescent Current
65μA in Active Mode
1μA in Shutdown Mode
Switching Frequency is Non-Audible Over Entire
Load Range
Integrated Power NPN:
350mA Current Limit (LT3494A)
180mA Current Limit (LT3494)
Integrated Schottky Diode
Integrated Output Disconnect
Integrated Output Dimming
Wide Input Range: 2.3V to 16V
Wide Output Range: Up to 40V
Tiny 8-Lead 3mm
× 2mm DFN Package
OLED Power
Low Noise Power
MP3 Players
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Patent pending.
SW
CAP
VCC
SHDN
CTRL
VOUT
FB
GND
2.21M
3494 TA01a
LT3494
4.7
μF
2.2
μF
15
μH
0.22
μF
VIN
3V
TO 4.2V
VOUT
16V
16mA
LOAD CURRENT (mA)
0.1
0
10
15
1
10
100
3494 TA01b
5
LT3494
FIGURE 5 CIRCUIT
100MHz MEASUREMENT BW
LOAD CURRENT (mA)
0.1
60
70
80
90
1
10
100
3494 TA01c
50
40
30
20
160
200
240
280
120
80
40
0
VIN = 3.6V
LOAD FROM
CAPACITOR
LOAD FROM
VOUT
Output Voltage Ripple
vs Load Current
Efficiency and Power Loss
vs Load Current


Similar Part No. - LT3494

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3494 LINER-LT3494 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3494 LINER-LT3494 Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494A LINER-LT3494A Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3494A LINER-LT3494A Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494A LINER-LT3494A Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
More results

Similar Description - LT3494

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3494A LINER-LT3494A_15 Datasheet
271Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3494 LINER-LT3494 Datasheet
266Kb / 12P
   Micropower Low Noise Boost Converters with Output Disconnect
LT3495 LINER-LT3495_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B-1 LINER-LT3495B-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495 LINER-LT3495 Datasheet
327Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495-1 LINER-LT3495-1_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LT3495B LINER-LT3495B_15 Datasheet
637Kb / 16P
   650mA/350mA Micropower Low Noise Boost Converter with Output Disconnect
LTC3424 LINER-LTC3424_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423_15 Datasheet
212Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
LTC3423 LINER-LTC3423 Datasheet
206Kb / 12P
   Low Output Voltage, 3MHz Micropower Synchronous Boost Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com