Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3473 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3473
Description  Micropower 1A Boost Converter with Schottky and Output Disconnect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3473 Datasheet(HTML) 3 Page - Linear Technology

  LT3473 Datasheet HTML 1Page - Linear Technology LT3473 Datasheet HTML 2Page - Linear Technology LT3473 Datasheet HTML 3Page - Linear Technology LT3473 Datasheet HTML 4Page - Linear Technology LT3473 Datasheet HTML 5Page - Linear Technology LT3473 Datasheet HTML 6Page - Linear Technology LT3473 Datasheet HTML 7Page - Linear Technology LT3473 Datasheet HTML 8Page - Linear Technology LT3473 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT3473/LT3473A
3473f
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3V, SHDN = 3V, CTRL = 2V, unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3473EDD and LT3473AEDE are guaranteed to meet
performance specifications from 0°C to 70°C. Specifications over the
–40°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
TYPICAL PERFOR A CE CHARACTERISTICS
Load Regulation (Feedback Taken
from CAP)
LOAD CURRENT (mA)
0
19.00
19.20
19.40
19.60
19.80
CAP
OUT
20.00
20.20
20
40
60
80
3473 G01
100
VIN = 3.6V
CTRL VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
1.4
0.2
1
1.4
3473 G02
0.4
1.2
0.8
1.8
2
0.4 0.6
1.2
1.6
CTRL VOLTAGE (V)
0
1.0
1.2
1.4
2
3473 G03
0.8
0.6
0.5
1
1.5
0.4
0.2
0
Feedback Voltage
PGOOD Threshold Voltage
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Frequency
0.9
1.2
1.4
MHz
Maximum Duty Cycle
88
92
%
Switch Current Limit
1.2
A
Switch VCESAT
ISW = 100mA
45
mV
Switch Leakage Current
VSW = 5V
0.1
5
µA
Schottky Forward Drop
ID = 100mA
0.45
V
Schottky Leakage Current
CAP = 36V, SW = 0V
4
µA
Disconnect PNP Voltage Drop
IOUT = 100µA, CAP = 20V
80
mV
IOUT = 50mA, CAP = 20V
250
mV
Disconnect PNP Quiescent Current
CAP = 20V
1.2
µA
Disconnect PNP Leakage Current
SHDN = OUT = 0V, CAP = 20V
0.01
0.1
µA
LTC3473A Only
NPN1 Voltage Drop
INE1 = 1mA
0.8
V
NPN1 Beta
INE1 = 1mA
60
NPN2 Voltage Drop
INE2 = 1mA
0.8
V
NPN2 Beta
INE2 = 1mA
60
Note 3: Failure to correctly solder the Exposed Pad of the package to the
PC board will result in a thermal resistance much higher than 40°C.
TA = 25°C unless otherwise noted.


Similar Part No. - LT3473

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3473 LINER-LT3473 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473A LINER-LT3473A Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3473A LINER-LT3473A Datasheet
269Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473A LINER-LT3473A Datasheet
275Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
More results

Similar Description - LT3473

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473A LINER-LT3473A_15 Datasheet
275Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3464 LINER-LT3464_1 Datasheet
240Kb / 16P
   Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
LT3464 LINER-LT3464_15 Datasheet
254Kb / 16P
   Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
LT3464 LINER-LT3464 Datasheet
260Kb / 16P
   Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
logo
Kingbor Technology Co
KB3436 KINGBOR-KB3436 Datasheet
164Kb / 11P
   600mA, 650kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3421 LINER-LTC3421 Datasheet
234Kb / 16P
   3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com