Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR45UBSP1 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SR45UBSP1
Description  45U SmartRack Standard-Depth Rack Enclosure
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR45UBSP1 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SR45UBSP1 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR45UBSP1 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR45UBSP1 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SR45UBSP1 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Installed Whole System Maximum
Rack Depth (cm)
94.0
Installed Whole System Minimum
Rack Depth (in.)
4
Installed Whole System Minimum
Rack Depth (cm)
10.16
Rack Height (U Spaces)
45
Shipping Dimensions (hwd / in.)
90.25 x 26 x 45
Shipping Dimensions (hwd / cm)
229.23 x 66.04 x 114.3
Shipping Weight (lbs.)
357
Shipping Weight (kg)
162
Unit Dimensions (hwd / in.)
83.75 x 23.63 x 43
Unit Dimensions (hwd / cm)
212.725 x 60.02 x 109.22
Unit Weight (lbs.)
307
Unit Weight (kg)
139
Unit Dimensions (cm)
212.725 x 60.02 x 109.22
Color
Black
Weight Capacity - Stationary (lbs.)
3000
Weight Capacity - Rolling (lbs.)
2250
Weight Capacity - Stationary (kg)
1360.8
Weight Capacity - Rolling (kg)
1020.6
Factory Preset Rack Depth (in.)
27.75
Factory Preset Rack Depth (cm)
70.49
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Grounding Lug
Front and back rear door frames
Seismic Rack
No
CERTIFICATIONS
Certifications
UL60950; RoHS; CE
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
EIA/ECA-310-E
WARRANTY
3 / 4


Similar Part No. - SR45UBSP1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR45UBSD TRIPPLITE-SR45UBSD Datasheet
514Kb / 3P
   45U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
More results

Similar Description - SR45UBSP1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR45UBWDSP1 TRIPPLITE-SR45UBWDSP1 Datasheet
524Kb / 3P
   45U SmartRack Standard-Depth Rack Enclosure
SR45UBEXP TRIPPLITE-SR45UBEXP Datasheet
484Kb / 3P
   45U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR45UBWD TRIPPLITE-SR45UBWD Datasheet
170Kb / 4P
   45U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors & side panels
SR45UB TRIPPLITE-SR45UB Datasheet
513Kb / 4P
   45U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR45UBWDVRT TRIPPLITE-SR45UBWDVRT Datasheet
525Kb / 3P
   45U SmartRack Standard-Depth Rack Enclosure Cabinet, Pre-Installed SRCABLEVRT3 with sides and doors
SR45UBMD TRIPPLITE-SR45UBMD Datasheet
515Kb / 4P
   45U SmartRack Mid-Depth Rack Enclosure Cabinet with doors and side panels
SR45UBSD TRIPPLITE-SR45UBSD Datasheet
514Kb / 3P
   45U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SRW9U TRIPPLITE-SRW9U Datasheet
527Kb / 3P
   SmartRack 9U Wall-Mount Standard-Depth Rack Enclosure Cabinet
SR2000 TRIPPLITE-SR2000 Datasheet
159Kb / 3P
   SmartRack 42U Value Series Standard-Depth Rack Enclosure Cabinet
SR45UBMDEXPND TRIPPLITE-SR45UBMDEXPND Datasheet
486Kb / 3P
   45U SmartRack 4-Post Mid-Depth Open Frame Rack
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com