Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1961 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1961
Description  1.5A, 1.25MHz Step-Up Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1961 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1961_15 Datasheet HTML 3Page - Linear Technology LT1961_15 Datasheet HTML 4Page - Linear Technology LT1961_15 Datasheet HTML 5Page - Linear Technology LT1961_15 Datasheet HTML 6Page - Linear Technology LT1961_15 Datasheet HTML 7Page - Linear Technology LT1961_15 Datasheet HTML 8Page - Linear Technology LT1961_15 Datasheet HTML 9Page - Linear Technology LT1961_15 Datasheet HTML 10Page - Linear Technology LT1961_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1961
1961fa
APPLICATIONS INFORMATION
FB RESISTOR NETWORK
The suggested resistance (R2) from FB to ground is 10k
1%. This reduces the contribution of FB input bias current
to output voltage to less than 0.2%. The formula for the
resistor (R1) from VOUT to FB is:
R
RV
RA
OUT
1
21 2
12
2 0 2
=
()
−μ
.
.( .
)
defines the pole frequency of the output stage, an X7R or
X5R type ceramic, which have good temperature stability,
is recommended.
Tantalum capacitors are usually chosen for their bulk
capacitance properties, useful in high transient load appli-
cations. ESR rather than absolute value defines output
ripple at 1.25MHz. Values in the 22
μF to 100μF range are
generally needed to minimize ESR and meet ripple current
ratings. Care should be taken to ensure the ripple ratings
are not exceeded.
Table 1. Surface Mount Solid Tantalum Capacitor ESR and
Ripple Current
E Case Size
ESR (Max,
Ω)
Ripple Current (A)
AVX TPS, Sprague 593D
0.1 to 0.3
0.7 to 1.1
AVX TAJ
0.7 to 0.9
0.4
D Case Size
AVX TPS, Sprague 593D
0.1 to 0.3
0.7 to 1.1
C Case Size
AVX TPS
0.2 (typ)
0.5 (typ)
INPUT CAPACITOR
Unlike the output capacitor, RMS ripple current in the
input capacitor is normally low enough that ripple current
rating is not an issue. The current waveform is triangular,
with an RMS value given by:
I
VV
V
Lf V
RIPPLE RMS
IN
OUT
IN
OUT
() =
()
()
()( )( )
029
.
At higher switching frequency, the energy storage require-
ment of the input capacitor is reduced so values in the
range of 1
μF to 4.7μF are suitable for most applications.
Y5V or similar type ceramics can be used since the
absolute value of capacitance is less important and has no
significant effect on loop stability. If operation is required
close to the minimum input voltage required by either the
output or the LT1961, a larger value may be necessary.
This is to prevent excessive ripple causing dips below the
minimum operating voltage resulting in erratic operation.
Figure 2. Feedback Network
OUTPUT CAPACITOR
Step-up regulators supply current to the output in pulses.
The rise and fall times of these pulses are very fast. The
output capacitor is required to reduce the voltage ripple
this causes. The RMS ripple current can be calculated
from:
II
V
V
V
RIPPLE RMS
OUT
OUT
IN
IN
() =
()/
The LT1961 will operate with both ceramic and tantalum
output capacitors. Ceramic capacitors are generally cho-
sen for their small size, very low ESR (effective series
resistance), and good high frequency operation, reducing
output ripple voltage. Their low ESR removes a useful zero
in the loop frequency response, common to tantalum
capacitors. To compensate for this, the VC loop compen-
sation pole frequency must typically be reduced by a factor
of 10. Typical ceramic output capacitors are in the 1
μF to
10
μF range. Since the absolute value of capacitance
+
1.2V
VSW
VC
GND
1961 F02
R1
R2
10k
OUTPUT
ERROR
AMPLIFIER
FB
LT1961
+


Similar Part No. - LT1961_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1961EMS8E LINER-LT1961EMS8E Datasheet
159Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
LT1961EMS8EPBF LINER-LT1961EMS8EPBF Datasheet
159Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
LT1961EMS8ETR LINER-LT1961EMS8ETR Datasheet
159Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
LT1961EMS8ETRPBF LINER-LT1961EMS8ETRPBF Datasheet
159Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
LT1961IMS8E LINER-LT1961IMS8E Datasheet
159Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
More results

Similar Description - LT1961_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1961 LINER-LT1961 Datasheet
159Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com