Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1932 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1932
Description  Constant-Current DC/DC LED Driver in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1932 Datasheet(HTML) 2 Page - Linear Technology

  LT1932 Datasheet HTML 1Page - Linear Technology LT1932 Datasheet HTML 2Page - Linear Technology LT1932 Datasheet HTML 3Page - Linear Technology LT1932 Datasheet HTML 4Page - Linear Technology LT1932 Datasheet HTML 5Page - Linear Technology LT1932 Datasheet HTML 6Page - Linear Technology LT1932 Datasheet HTML 7Page - Linear Technology LT1932 Datasheet HTML 8Page - Linear Technology LT1932 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1932
1932f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
1V
Quiescent Current
VRSET = 0.2V
1.2
1.6
mA
VSHDN = 0V
0.1
1.0
µA
RSET Pin Voltage
RSET = 1.50k
100
mV
LED Pin Voltage
RSET = 1.50k, VIN < VOUT (Figure 1)
120
180
mV
LED Pin Current
RSET = 562Ω, VIN = 1.5V
33
38
45
mA
RSET = 750Ω, VIN = 1.2V
25
30
36
mA
RSET = 1.50k, VIN = 1.2V
12.5
15
17.5
mA
RSET = 4.53k, VIN = 1.2V
5
mA
LED Pin Current Temperature Coefficient
ILED = 15mA
– 0.02
mA/
°C
Switching Frequency
VIN = 1V
0.8
1.2
1.6
MHz
Maximum Switch Duty Cycle
q
90
95
%
Switch Current Limit
400
550
780
mA
Switch VCESAT
ISW = 300mA
150
200
mV
SHDN Pin Current
VSHDN = 0V
0
0.1
µA
VSHDN = 2V
15
30
µA
Start-Up Threshold (SHDN Pin)
0.85
V
Shutdown Threshold (SHDN Pin)
0.25
V
Switch Leakage Current
Switch Off, VSW = 5V
0.01
5
µA
(Note 1)
VIN Voltage ............................................................. 10V
SHDN Voltage ......................................................... 10V
SW Voltage ............................................................. 36V
LED Voltage ............................................................. 36V
RSET Voltage ............................................................. 1V
Junction Temperature .......................................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1932ES6
TJMAX = 125°C, θJA = 250°C/ W
The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 1.2V, VSHDN = 1.2V, unless otherwise noted.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
S6 PART MARKING
LTST
SW 1
GND 2
LED 3
6 VIN
5 SHDN
4 RSET
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
Note 1: Absolute Maximum Ratings are those values beyond which the life of
a device may be impaired.
Note 2: The LT1932E is guaranteed to meet specifications from 0
°C to 70°C.
Specifications over the – 40
°C to 85°C operating temperature range are
assured by design, characterization and correlation with statistical process
controls.
Consult LTC Marketing for parts specified with wider operating temperature ranges.


Similar Part No. - LT1932

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1932 LINER-LT1932 Datasheet
235Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
LT1932 LINER-LT1932 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT1932 LINER-LT1932 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
First Components Intern...
LT1932 FCI-LT1932 Datasheet
201Kb / 12P
   Constant-Current DC/DC LED Driver LT1932
logo
Linear Technology
LT1932ES6 LINER-LT1932ES6 Datasheet
235Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
More results

Similar Description - LT1932

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1932 LINER-LT1932 Datasheet
235Kb / 16P
   Constant-Current DC/DC LED Driver in ThinSOT
logo
Mean Well Enterprises C...
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
   DC-DC Constant Current LED driver
LDD-H_1110 MEANWELL-LDD-H_1110 Datasheet
239Kb / 3P
   DC-DC Constant Current LED driver
LDD-L MEANWELL-LDD-L_12 Datasheet
160Kb / 3P
   DC-DC Constant Current LED driver
LDD-H MEANWELL-LDD-H Datasheet
237Kb / 2P
   DC-DC Constant Current LED driver
logo
Linear Technology
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com