Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-10TSWG4S-PCB Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AB-10TSWG4S-PCB
Description  MULTI LAMPS LED MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-10TSWG4S-PCB Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AB-10TSWG4S-PCB_15 Datasheet HTML 1Page - A-BRIGHT Inc AB-10TSWG4S-PCB_15 Datasheet HTML 2Page - A-BRIGHT Inc AB-10TSWG4S-PCB_15 Datasheet HTML 3Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
1
MULTI LAMPS LED MODULE
Data Sheet
Feature:
High efficiency LED
materials are used in this
Bulb.
Every lamp is made with an
advanced optical grade
epoxy offering superior
high shock and high
temperature resistance in
outdoor applications.
.Wide view angle
.High luminous output
.Seven kind color
.Solid-state Vibration
resistant
.Saving power
.Long life
Option:
.12/24V AC or DC
.Other industry standard
base
Description:
These multi lamps LED
Bulbs are specifically
designed for flashlight
electric equipment,
indicator light switch and
where a wide view angle.
The top view LED radiation
pattern (120°) and high
luminous intensity ensure
that these devices are
excellent for wide field
of view outdoor
applications where a wide
viewing angle and
readability in sunlight are
essential.
A-BRIGHT
A-BRIGHT INDUSTRIAL CO.,LTD.


Similar Part No. - AB-10TSWG4S-PCB_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-10TSWG4S-PCB A-BRIGHT-AB-10TSWG4S-PCB Datasheet
78Kb / 3P
   Multi Lamps LED Module
AB-10TSWG4S-PCB A-BRIGHT-AB-10TSWG4S-PCB Datasheet
78Kb / 3P
   MULTI LAMPS LED MODULE
More results

Similar Description - AB-10TSWG4S-PCB_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-10TW0G4S-PCB A-BRIGHT-AB-10TW0G4S-PCB Datasheet
78Kb / 3P
   Multi Lamps LED Module
AB-10TSWG4S-PCB A-BRIGHT-AB-10TSWG4S-PCB Datasheet
78Kb / 3P
   Multi Lamps LED Module
AB-10TW0G4S-PCB A-BRIGHT-AB-10TW0G4S-PCB Datasheet
78Kb / 3P
   MULTI LAMPS LED MODULE
AB-10TSWG4S-PCB A-BRIGHT-AB-10TSWG4S-PCB Datasheet
78Kb / 3P
   MULTI LAMPS LED MODULE
AB-10TW0G4S-PCB A-BRIGHT-AB-10TW0G4S-PCB_15 Datasheet
78Kb / 3P
   MULTI LAMPS LED MODULE
AB-125G3A-12V-MR16 A-BRIGHT-AB-125G3A-12V-MR16 Datasheet
209Kb / 3P
   MULTI LAMPS LED BULB
11/1/2006
AB-125G30-12V0-B20-0 A-BRIGHT-AB-125G30-12V0-B20-0 Datasheet
196Kb / 3P
   MULTI LAMPS LED BULB
11/2/2006
AB-125W3A-12VD-B3G-0 A-BRIGHT-AB-125W3A-12VD-B3G-0 Datasheet
203Kb / 4P
   MULTI LAMPS LED BULB
11/2/2006
AB-125W50-3VD-E00-0 A-BRIGHT-AB-125W50-3VD-E00-0 Datasheet
204Kb / 4P
   MULTI LAMPS LED BULB
5/16/2006
AB-33G1-6V-E A-BRIGHT-AB-33G1-6V-E Datasheet
187Kb / 3P
   MULTI LAMPS LED BULB
10/30/2006
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com