Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-G5KT-942M50-Y4RZ Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # FAR-G5KT-942M50-Y4RZ
Description  SAW Dual Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FAR-G5KT-942M50-Y4RZ Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  FAR-G5KT-942M50-Y4RZ Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RZ Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RZ Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RZ Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RZ Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RZ Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RZ Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RZ Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc FAR-G5KT-942M50-Y4RZ Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Customer Name
Standard specification
System
GSM900/ GSM850 Rx (50/150ohms)
DATE
Aug. 19, 2010
Part Number
FAR-G5KT-942M50-Y4RZ
Version 1.1aa
Pb-free
Pb
* Pb Free Part
MSL1
Table 1. Electrical specifications(Filter 1)
Pass Band (925-960MHz)
Item
Condition
(MHz)
Specification
Unit
Remarks
Min.
Typ.
Max.
Insertion Loss
925-960
-
2.2
3.1
dB(*1)
Ripple
925-960
-
0.8
1.7
dB
Input VSWR
925-960
-
1.7
2.1
-
Output VSWR
925-960
-
1.9
2.3
-
Absolute attenuation
DC-880
40
45
-
dB
880-905
30
45
-
dB
905-915
18
25
-
dB
980-1025
25
30
-
dB
1025-2880
36
52
-
dB
2880-6000
25
38
-
dB
Amplitude balance
(|S21/S31|)
925-960
-1.0
-0.2/+0.1
+1.0
dB
Phase balance
((
S21-S31)+180)
925-960
-10
0/+3.0
10
deg
Input Power
-
-
13
dBm
Input impedance (Unbalanced)
50//10nH
ohm
Output impedance (Balanced)
150
ohm
Operating temperature
-30 to +85
C
(*1) Specification of insertion loss includes loss that comes from the test board.(0.05dB)


Similar Part No. - FAR-G5KT-942M50-Y4RZ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G5KT-942M50-Y4RW TAIYO-YUDEN-FAR-G5KT-942M50-Y4RW Datasheet
558Kb / 12P
   SAW Dual Filter
More results

Similar Description - FAR-G5KT-942M50-Y4RZ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-G6KT-1G9600-Y4RU TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RU Datasheet
325Kb / 12P
   SAW Dual Filter
FAR-G6QC-1G9600-N2CB TAIYO-YUDEN-FAR-G6QC-1G9600-N2CB Datasheet
493Kb / 12P
   SAW Dual Filter
G5QT942M5N2VA TAIYO-YUDEN-G5QT942M5N2VA Datasheet
503Kb / 13P
   SAW Dual Filter
G6QD2G017N2DC TAIYO-YUDEN-G6QD2G017N2DC Datasheet
542Kb / 13P
   SAW Dual Filter
G6QE2G595N2EJ TAIYO-YUDEN-G6QE2G595N2EJ Datasheet
494Kb / 13P
   SAW Dual Filter
G6QN2G017M2RD TAIYO-YUDEN-G6QN2G017M2RD Datasheet
294Kb / 11P
   SAW Dual Filter
FAR-G6QC-1G9600-N2FA TAIYO-YUDEN-FAR-G6QC-1G9600-N2FA Datasheet
481Kb / 12P
   SAW Dual Filter
G6QD1G960N2DY TAIYO-YUDEN-G6QD1G960N2DY Datasheet
569Kb / 13P
   SAW Dual Filter
FAR-G5QC-942M50-N2CD TAIYO-YUDEN-FAR-G5QC-942M50-N2CD Datasheet
535Kb / 12P
   SAW Dual Filter
FAR-G6KG-2G1400-Y4SH TAIYO-YUDEN-FAR-G6KG-2G1400-Y4SH Datasheet
543Kb / 15P
   SAW Dual Filter
FAR-G6KT-1G9600-Y4RY TAIYO-YUDEN-FAR-G6KT-1G9600-Y4RY Datasheet
1Mb / 12P
   SAW Dual Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com