Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV2G00A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD74LV2G00A
Description  Dual 2?밿nput NAND Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2G00A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD74LV2G00A_15 Datasheet HTML 3Page - Renesas Technology Corp HD74LV2G00A_15 Datasheet HTML 4Page - Renesas Technology Corp HD74LV2G00A_15 Datasheet HTML 5Page - Renesas Technology Corp HD74LV2G00A_15 Datasheet HTML 6Page - Renesas Technology Corp HD74LV2G00A_15 Datasheet HTML 7Page - Renesas Technology Corp HD74LV2G00A_15 Datasheet HTML 8Page - Renesas Technology Corp HD74LV2G00A_15 Datasheet HTML 9Page - Renesas Technology Corp HD74LV2G00A_15 Datasheet HTML 10Page - Renesas Technology Corp HD74LV2G00A_15 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HD74LV2G00A
Rev.3.00, Sep.22.2003, page 6 of 8
Switching Characteristics
• V
CC = 1.8 ± 0.15 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit Test
Conditions
FROM
(Input)
TO
(Output)
12.7
23.1
1.0
25.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
18.7
33.4
1.0
37.0
ns
CL = 50 pF
A or B
Y
• V
CC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit Test
Conditions
FROM
(Input)
TO
(Output)
7.1
12.9
1.0
15.0
CL = 15 pF
Propagation
delay time
tPLH
tPHL
9.6
16.6
1.0
20.0
ns
CL = 50 pF
A or B
Y
• V
CC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit Test
Conditions
FROM
(Input)
TO
(Output)
5.0
7.9
1.0
9.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
6.9
11.4
1.0
13.0
ns
CL = 50 pF
A or B
Y
• V
CC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit Test
Conditions
FROM
(Input)
TO
(Output)
3.6
5.5
1.0
6.5
CL = 15 pF
Propagation
delay time
tPLH
tPHL
4.9
7.5
1.0
8.5
ns
CL = 50 pF
A or B
Y
Operating Characteristics
• C
L = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
9.5
Power dissipation
capacitance
CPD
5.0
11.0
pF
f = 10 MHz


Similar Part No. - HD74LV2G00A_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HD74LV2G00AUSE FAIRCHILD-HD74LV2G00AUSE Datasheet
82Kb / 9P
   Dual 2-input NOR Gates
logo
Renesas Technology Corp
HD74LV2G00AUSE RENESAS-HD74LV2G00AUSE Datasheet
81Kb / 9P
   Dual 2-input NAND Gates
More results

Similar Description - HD74LV2G00A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G08A RENESAS-HD74LV2G08A_15 Datasheet
105Kb / 11P
   Dual 2?밿nput AND Gates
HD74LV2G02A RENESAS-HD74LV2G02A_15 Datasheet
106Kb / 11P
   Dual 2?밿nput NOR Gates
HD74LV2G32A RENESAS-HD74LV2G32A_15 Datasheet
107Kb / 11P
   Dual 2?밿nput OR Gates
HD74LV1G00A RENESAS-HD74LV1G00A_15 Datasheet
165Kb / 9P
   2?밿nput NAND Gate
HD74LV2G00A RENESAS-HD74LV2G00A Datasheet
81Kb / 9P
   Dual 2-input NAND Gates
HD74ALVC2G00 RENESAS-HD74ALVC2G00_15 Datasheet
110Kb / 12P
   Dual 2-input NAND Gates
HD74ALVC2G00 RENESAS-HD74ALVC2G00 Datasheet
91Kb / 10P
   Dual 2-input NAND Gates
HD74LV1GT00A RENESAS-HD74LV1GT00A_15 Datasheet
136Kb / 9P
   2?밿nput NAND Gate / CMOS Logic Level Shifter
logo
National Semiconductor ...
54LS00 NSC-54LS00 Datasheet
120Kb / 6P
   Quad 2-Input NAND Gates
logo
Fairchild Semiconductor
DM7400 FAIRCHILD-DM7400 Datasheet
47Kb / 4P
   Quad 2-Input NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com