Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74ALVC1G66 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD74ALVC1G66
Description  Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC1G66 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD74ALVC1G66_15 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC1G66_15 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC1G66_15 Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC1G66_15 Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC1G66_15 Datasheet HTML 11Page - Renesas Technology Corp HD74ALVC1G66_15 Datasheet HTML 12Page - Renesas Technology Corp HD74ALVC1G66_15 Datasheet HTML 13Page - Renesas Technology Corp HD74ALVC1G66_15 Datasheet HTML 14Page - Renesas Technology Corp HD74ALVC1G66_15 Datasheet HTML 15Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
HD74ALVC1G66
Rev.3.00, Nov.12.2003, page 9 of 12
VCC
VCC
GND
(ON)
V =V
CIH
VIN
VOUT
CL
VOL
VOH
VIH
GND
tf
tr
90% 90%
Vref
Vref
Vref
Vref
tPLH
tPHL
10%
10%
Switch
input
Switch
output
• t
, t
PLH
PHL
tr = tf = 3 ns
Vref
VIH
V
CC
V
CC
t / t
2.0 ns
2.5 ns
2.5 ns
rf
2.7 V
50%
50%
1.5 V
V
= 2.5
±0.2 V
CC
V
= 1.2 V,
1.5
±0.1 V,
1.8
±0.15 V
CC
V
= 3.3
±0.3 V
CC
Symbol
V
= 1.8
±0.15 V
CC
R
1.0 k
2.0 k
500
L
C
30 pF
15 pF
30 pF
L
V
= 2.5
±0.2 V,
3.3
±0.3 V
CC
V
= 1.2 V,
1.5
±0.1 V
CC
Symbol
RL


Similar Part No. - HD74ALVC1G66_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC1G66VSE RENESAS-HD74ALVC1G66VSE Datasheet
96Kb / 13P
   Analog Switch
More results

Similar Description - HD74ALVC1G66_15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
   Analog Switch
logo
Renesas Technology Corp
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
   Analog Switch
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
   Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
   Analog switch
Rev.1.0 Sep.22.2003
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
   Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com