Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD43256BGW-A85-9KL Datasheet(PDF) 10 Page - NEC

Part # UPD43256BGW-A85-9KL
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BGW-A85-9KL Datasheet(HTML) 10 Page - NEC

Back Button UPD43256BGW-A85-9KL Datasheet HTML 6Page - NEC UPD43256BGW-A85-9KL Datasheet HTML 7Page - NEC UPD43256BGW-A85-9KL Datasheet HTML 8Page - NEC UPD43256BGW-A85-9KL Datasheet HTML 9Page - NEC UPD43256BGW-A85-9KL Datasheet HTML 10Page - NEC UPD43256BGW-A85-9KL Datasheet HTML 11Page - NEC UPD43256BGW-A85-9KL Datasheet HTML 12Page - NEC UPD43256BGW-A85-9KL Datasheet HTML 13Page - NEC UPD43256BGW-A85-9KL Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
µPD43256B
Read Cycle (1/2)
VCC
≥ 4.5 V
µPD43256B-85
Parameter
Symbol
µPD43256B-70
µPD43256B-A85/A10/A12
Unit
Condition
µPD43256B-B10/B12/B15
MIN.
MAX.
MIN.
MAX.
Read cycle time
tRC
70
85
ns
Address access time
tAA
70
85
ns
Note 1
CS access time
tACS
70
85
ns
OE access time
tOE
35
40
ns
Output hold from address change
tOH
10
10
ns
CS to output in low impedance
tCLZ
10
10
ns
Note 2
OE to output in low impedance
tOLZ
55
ns
CS to output in high impedance
tCHZ
30
30
ns
OE to output in high impedance
tOHZ
30
30
ns
Notes 1. See the output load shown in Figure 1 except for
µPD43256B-A, 43256B-B.
2. See the output load shown in Figure 2 except for
µPD43256B-A, 43256B-B.
Remark These AC characteristics are in common regardless of package types and L, LL versions.
Read Cycle (2/2)
VCC
≥ 3.0 V
VCC
≥ 2.7 V
Parameter
Symbol
µPD43256B-A85 µPD43256B-A10 µPD43256B-A12 µPD43256B-B10 µPD43256B-B12 µPD43256B-B15 Unit
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
Read cycle time
tRC
85
100
120
100
120
150
ns
Address access time
tAA
85
100
120
100
120
150 ns
Note
CS access time
tACS
85
100
120
100
120
150 ns
OE access time
tOE
50
60
60
60
60
70
ns
Output hold from address change
tOH
10
10
10
10
10
10
ns
CS to output in low impedance
tCLZ
10
10
10
10
10
10
ns
OE to output in low impedance
tOLZ
55
5
5
5
5
ns
CS to output in high impedance
tCHZ
35
35
40
35
40
50
ns
OE to output in high impedance
tOHZ
35
35
40
35
40
50
ns
Note Loading condition is 1TTL + 100 pF.
Remark These AC characteristics are in common regardless of package types and L, LL versions.
Con-
dition


Similar Part No. - UPD43256BGW-A85-9KL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256BGW-A85-9KL NEC-UPD43256BGW-A85-9KL Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256BGW-A85-9KL NEC-UPD43256BGW-A85-9KL Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256BGW-A85-9KL-A NEC-UPD43256BGW-A85-9KL-A Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results

Similar Description - UPD43256BGW-A85-9KL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com