Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1294 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1294
Description  During the last years
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1294 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1294 Datasheet HTML 3Page - STMicroelectronics AN1294 Datasheet HTML 4Page - STMicroelectronics AN1294 Datasheet HTML 5Page - STMicroelectronics AN1294 Datasheet HTML 6Page - STMicroelectronics AN1294 Datasheet HTML 7Page - STMicroelectronics AN1294 Datasheet HTML 8Page - STMicroelectronics AN1294 Datasheet HTML 9Page - STMicroelectronics AN1294 Datasheet HTML 10Page - STMicroelectronics AN1294 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN1294
What is the PowerSO-10RF?
Doc ID 7604 Rev 3
7/20
After the silicon LDMOS wafer is cut into individual dice; each die is brazed onto the copper
slug using a high melting temperature (> 280° C) tin solder alloy such as Pb97.5Sn1Ag1.5.
The process used to attach the die to the slug is critical in maintaining the thermal
performance of the RF power device. It must produce a uniform, void-free joint between the
silicon LDMOS’ back metallization and the copper slug in order to avoid hot spots in the
active area and, in the long run, thermal fatigue.
After the die is attached, the silicon LDMOS die is connected to the leadframe with Au or Al
wires that are ultrasonically bonded to both the metallization on the chip (Al alloy: AlSiCu)
and to a nickel layer on the leadframe. The diameter of the wire used is chosen according to
the current to be handled using the approximated rule of about 1 mil (25 µm) per Amp.
Molding is the third step of assembly. The leadframe strips are positioned in molding
cavities, which are then pressure-filled with liquid thermosetting epoxy, which after
solidification provides a hard, reliable and cost-effective encapsulation (the molding
compound is Sumitomo Eme 6300HV with a molding temperature of 200 °C +/- 20 °C).
The last major process is to coat the leads with a low melting temperature thin solder alloy
(tin plating: 7 µm min/15 µm max) to provide a "wettable" surface when the device is
soldered to the printed circuit board (PCB).
After singulation (separation of the leadframe strips into individual devices) and lead forming
(bending of the leads into the required shape), the devices are marked and tested before
being packed and shipped.
There are two available lead versions, shown in Figure 3.
Formed leads for SMD applications and power dissipation (Pdiss.) < 15 W.
Straight leads for standard RF mounting on heatsink and Pdiss. > 15 W.
Figure 3.
PowerSO-10RF straight and formed lead versions
2.2
Delivery information
The PowerSO-10RF is delivered in a tube of 50 pieces. A bulk quantity equals 250 pieces
(available for both lead versions). A tape and reel form of 600 pieces is also available.


Similar Part No. - AN1294

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN12941A PANASONIC-AN12941A Datasheet
5Mb / 41P
   The AN12941A is an amplifier IC for stereo speakers which can output 1 W by 8 Ohm or 2 W by 4 Ohm
AN12942B PANASONIC-AN12942B Datasheet
577Kb / 31P
   Audio signal processing IC for notebook PC
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
   Audio signal processing IC for notebook PC
AN12948 PANASONIC-AN12948 Datasheet
260Kb / 8P
   Audio Power IC for Note PC
AN12948A PANASONIC-AN12948A Datasheet
260Kb / 8P
   Audio Power IC for Note PC
More results

Similar Description - AN1294

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-25C160A SII-S-25C160A Datasheet
1Mb / 39P
   Write protect function during the low power supply
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
logo
Tyco Electronics
408-8022 MACOM-408-8022 Datasheet
205Kb / 4P
   Read the following instructions carefully before and during the installation of the conversion kits on the machine.
logo
Seiko Instruments Inc
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com