Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1051 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1051
Description  This application note explains how to use the VIPER20
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1051 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1051 Datasheet HTML 1Page - STMicroelectronics AN1051 Datasheet HTML 2Page - STMicroelectronics AN1051 Datasheet HTML 3Page - STMicroelectronics AN1051 Datasheet HTML 4Page - STMicroelectronics AN1051 Datasheet HTML 5Page - STMicroelectronics AN1051 Datasheet HTML 6Page - STMicroelectronics AN1051 Datasheet HTML 7Page - STMicroelectronics AN1051 Datasheet HTML 8Page - STMicroelectronics AN1051 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 - APPLICATION CONTEXT AND PRINCIPLE OF OPERATION
The Li-Ion Battery
Rechargeable battery using Lithium have high voltage, big capacity and light weight, yielding an extraor-
dinary energy density, more than twice the one of the NiCd. The maximum load current is not as high as
for the NiCd, but is still sufficient for many applications such as cellular phone and camcorder.
To improve lifetime and keep the battery in safe operating conditions, some protection circuitry is always
added inside the battery pack that can disconnect the electrochemical cell from the external connectors.
This protection circuitry is designed to trigger in case of overcurrent (both when charging and discharging),
overvoltage (when charging) and undervoltage (when discharging). The cell temperature is also monitored.
Charging Principle
The charging principle of the Lithium-Ion batteries is very different from the Nickel type. Figure 2 shows the
different stages in the charging process. Time values are only indicative and depend on battery type and
speed of charge.
Cell voltage rises
to voltabe limit
Maximum cell voltage
is reached
Occasional topping charge is
applied if battery voltage drops
15 30 45 60 75
90 105 120 135 150 165 180 minutes of charge
Maximum charge current
is applied until the set
voltage limit is reached.
Charge current starts
to drop as the battery
gets saturated.
The Li-ion battery cannot
absorb over-charge. Trickle
charge would be harmfull.
CONSTANT
CURRENT CHARGE
CONSTANT
VOLTAGE CHARGE
NO TRICKLE
CHARGING
1h
2h
100% charged
70% charged
I
V
Figure 2 : Li-Ion Charging Scheme
During Stage 1, the battery is charged at constant current. The battery voltage is slowly increasing from
original voltage up to the maximum cell voltage, which depends on the battery electrode technology
(4.2V/cell for coke electrode, 4.1V/cell for graphite electrode).
Should this maximum voltage be exceeded and the battery could suffer significant damage and the
protection circuitry may trigger.
Thus during Stage 2 a constant voltage charge is applied. Battery chargers manufacturers recommend a
highly precise voltage supervision of
±0.05 V/cell.
The current is slowly decreasing as the battery gets closer to full capacity.
End of charge can be detected by the charge current getting lower than a fixed threshold value (usually
one fifth to one tenth of the constant current charge value).
The dual Li-Ion Batteries charger :
In this application which requires ever increasing performances in more and more reduced space, the
silicon triplet VIPER20, ST62T25C and TSM102A provides an attractive solution in terms of performance,
cost efficiency and versatility.
AN1051 - APPLICATION NOTE
2/9


Similar Part No. - AN1051

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN105 VISHAY-AN105 Datasheet
95Kb / 7P
   FETS AS VOLTAGE-CONTROLLED RESISTORS
10-Mar-97
logo
NXP Semiconductors
AN10579 PHILIPS-AN10579_15 Datasheet
135Kb / 16P
   Driving LED light bars using NXP solutions
Rev. 01-1 February 2007
AN10580 PHILIPS-AN10580_15 Datasheet
111Kb / 11P
   GreenChip TEA1761 synchronous rectification and feedback controller
Rev. 01-19 March 2008
logo
STMicroelectronics
AN1059 STMICROELECTRONICS-AN1059 Datasheet
245Kb / 20P
   DESIGN EQUATIONS OF HIGH-POWER-FACTOR
More results

Similar Description - AN1051

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4570 STMICROELECTRONICS-AN4570 Datasheet
574Kb / 46P
   This application note describes how to use the high-density
AN3117 STMICROELECTRONICS-AN3117 Datasheet
421Kb / 28P
   This application note describes how to use the direct memory access
AN3008 STMICROELECTRONICS-AN3008 Datasheet
697Kb / 14P
   This application note describes how to use the STOD2540 DC-DC converter
AN1633 STMICROELECTRONICS-AN1633 Datasheet
68Kb / 9P
   This application note describes how to implement
AN2512 STMICROELECTRONICS-AN2512 Datasheet
668Kb / 38P
   This application note describes how to design
AN2682 STMICROELECTRONICS-AN2682 Datasheet
164Kb / 15P
   This application note describes how to interface
AN4640 STMICROELECTRONICS-AN4640 Datasheet
397Kb / 19P
   This application note describes how peripherals
AN1828 STMICROELECTRONICS-AN1828 Datasheet
225Kb / 17P
   The document explains how to design
AN442 STMICROELECTRONICS-AN442 Datasheet
63Kb / 5P
   The aim of this note is to show how to connect
AN2507 STMICROELECTRONICS-AN2507 Datasheet
447Kb / 31P
   This application note explains the design of a FLASH LED driver using the STCF03 device
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com