Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6QA-1G5754-H2JC Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # FAR-F6QA-1G5754-H2JC
Description  SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FAR-F6QA-1G5754-H2JC Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  FAR-F6QA-1G5754-H2JC Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FAR-F6QA-1G5754-H2JC Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FAR-F6QA-1G5754-H2JC Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FAR-F6QA-1G5754-H2JC Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FAR-F6QA-1G5754-H2JC Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FAR-F6QA-1G5754-H2JC Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Customer Name
Standard specifications
System
GPS
Date
March 31, 2010
Part Number
FAR-F6QA-1G5754-H2JC
Version 2.0b
Pb-free
P
P
P
Pb
b
b
b
* Pb Free Part
MSL1
Table 1 Electrical Specification
Passband : 1574.42 ~ 1576.42 MHz
Value
Unit
Remark
Parameter
Frequency
Min.
Typ.
Max.
Insertion loss
1574.42 ~ 1576.42
-
1.11
1.35
dB
(*1)
Ripple in passband
1574.42 ~ 1576.42
-
0.05
0.5
dB
DC ~ 1476
40
43
-
dB
1476 ~ 1526
33
36
-
dB
1625~1676
48
55
-
dB
1710 ~ 1785
45
50
-
dB
1850 ~ 1910
45
50
-
dB
1910 ~ 1980
45
50
-
dB
1980 ~ 2500
37
44
-
dB
Absolute
attenuation
2500 ~ 3000
30
37
-
dB
3000 ~ 6000
15
22
-
dB
VSWR Input
1574.42 ~ 1576.42
-
1.2
1.7
-
VSWR Outout
1574.42 ~ 1576.42
-
1.1
1.7
-
Input Impedance
50
Ohm
Output Impedance
50
ohm
Operating Temperature
-30 to +85
oC
Device size (L x W x H)
1.1typ. x 0.9typ. x 0.5 max.
mm
(*1) Specification of insertion loss includes loss that comes from the test board.


Similar Part No. - FAR-F6QA-1G5754-H2JC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F6CE-1G5754-L2UA FUJITSU-FAR-F6CE-1G5754-L2UA Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F6CE-1G5754-L2UA-U FUJITSU-FAR-F6CE-1G5754-L2UA-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F6CE-1G5754-L2UA-U FUJITSU-FAR-F6CE-1G5754-L2UA-U Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F6CE-1G5754-L2UA-V FUJITSU-FAR-F6CE-1G5754-L2UA-V Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
More results

Similar Description - FAR-F6QA-1G5754-H2JC

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com