Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-F6KA-2G4418-D4CU Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # FAR-F6KA-2G4418-D4CU
Description  SAW Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FAR-F6KA-2G4418-D4CU Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  FAR-F6KA-2G4418-D4CU Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-D4CU Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-D4CU Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-D4CU Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-D4CU Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-D4CU Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FAR-F6KA-2G4418-D4CU Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Customer Name
Standard
System
W-LAN, Bluetooth
Date
March 31, 2010
Part Number
FAR-F6KA-2G4418-D4CU
Version 6.0f
Pb-free
P
P
P
Pb
b
b
b
* Pb Free Part
MSL1
Table 1. Electrical specifications
Version 6.0f
Item
Condition (MHz)
Min
Typ
Max
Unit
Remarks
Insertion Loss
2400 – 2483.5
-
2.6
3.3
dB
Ripple
2400 – 2483.5
-
1.0
2.0
dB
VSWR (Input)
2400 – 2483.5
-
1.8
2.2
dB
VSWR (Output)
2400 – 2483.5
-
1.9
2.2
dB
DC – 1580
35
44
-
dB
1710 – 1805
35
47
-
dB
1805 – 1990
34
40
-
dB
2110 –2170
34
39
-
dB
Absolute
attenuation
4800 – 5000
13
20
-
dB
Max. Input Power
-
-
-
+10
dBm
Passband,CW
Input impedance
-
50//8.2nH
Ohms
Output impedance
-
50//12.0nH
Ohms
Operating
-30 to +85
oC
Temperature range
Storage
-40 to +100
oC
Package size
-
1.4typ x 1.0typ x 0.5max
mm


Similar Part No. - FAR-F6KA-2G4418-D4CU

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-F6KA-2G4418-A4VA TAIYO-YUDEN-FAR-F6KA-2G4418-A4VA Datasheet
397Kb / 6P
   SAW Filter
More results

Similar Description - FAR-F6KA-2G4418-D4CU

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com