Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1EX24128BSAS0A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1EX24128BSAS0A
Description  Two-wire serial interface 128k EEPROM (16-kword8-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24128BSAS0A Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1EX24128BSAS0A_15 Datasheet HTML 3Page - Renesas Technology Corp R1EX24128BSAS0A_15 Datasheet HTML 4Page - Renesas Technology Corp R1EX24128BSAS0A_15 Datasheet HTML 5Page - Renesas Technology Corp R1EX24128BSAS0A_15 Datasheet HTML 6Page - Renesas Technology Corp R1EX24128BSAS0A_15 Datasheet HTML 7Page - Renesas Technology Corp R1EX24128BSAS0A_15 Datasheet HTML 8Page - Renesas Technology Corp R1EX24128BSAS0A_15 Datasheet HTML 9Page - Renesas Technology Corp R1EX24128BSAS0A_15 Datasheet HTML 10Page - Renesas Technology Corp R1EX24128BSAS0A_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
R1EX24128BSAS0A/R1EX24128BTAS0A
Functional Description
Start Condition
A high-to-low transition of the SDA with the SCL high is needed in order to start read, write operation (See start
condition and stop condition).
Stop Condition
A low-to-high transition of the SDA with the SCL high is a stop condition. The stand-by operation starts after a read
sequence by a stop condition. In the case of write operation, a stop condition terminates the write data inputs and place
the device in a internally-timed write cycle to the memories. After the internally-timed write cycle which is specified as
tWC, the device enters a standby mode (See write cycle timing).
Start Condition and Stop Condition
SCL
SDA
(in)
Stop condition
Start condition
SCL
SDA IN
SDA OUT
12
8
9
Acknowledge
out
Acknowledge
All addresses and data words are serially transmitted to and from in 8-bit words. The receiver sends a zero to
acknowledge that it has received each word. This happens during ninth clock cycle. The transmitter keeps bus open to
receive acknowledgment from the receiver at the ninth clock. In the write operation, EEPROM sends a zero to
acknowledge after receiving every 8-bit words. In the read operation, EEPROM sends a zero to acknowledge after
receiving the device address word. After sending read data, the EEPROM waits acknowledgment by keeping bus open.
If the EEPROM receives zero as an acknowledge, it sends read data of next address. If the EEPROM receives
acknowledgment "1" (no acknowledgment) and a following stop condition, it stops the read operation and enters a
stand-by mode. If the EEPROM receives neither acknowledgment "0" nor a stop condition, the EEPROM keeps bus
open without sending read data.
Acknowledge Timing Waveform
R10DS0006EJ0100 Rev.1.00
Page 7 of 16
Aug. 04, 2010


Similar Part No. - R1EX24128BSAS0A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24128BSAS0A RENESAS-R1EX24128BSAS0A Datasheet
1,001Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
More results

Similar Description - R1EX24128BSAS0A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24128BSAS0I RENESAS-R1EX24128BSAS0I Datasheet
999Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128BSAS0I RENESAS-R1EX24128BSAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128ASAS0A RENESAS-R1EX24128ASAS0A Datasheet
183Kb / 24P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128BSAS0A RENESAS-R1EX24128BSAS0A Datasheet
1,001Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128ASA00I RENESAS-R1EX24128ASA00I Datasheet
171Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128ASAS0I RENESAS-R1EX24128ASAS0I Datasheet
182Kb / 24P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
R1EX24128ASA00A RENESAS-R1EX24128ASA00A Datasheet
172Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit)
HN58X24128I RENESAS-HN58X24128I Datasheet
150Kb / 22P
   Two-wire serial interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
R1EX24128BSAS0G RENESAS-R1EX24128BSAS0G_15 Datasheet
503Kb / 18P
   Two-wire serial interface 128k EEPROM (16-kword ??8-bit)
HN58X25128FPIAG RENESAS-HN58X25128FPIAG_15 Datasheet
273Kb / 21P
   Serial Peripheral Interface 128k EEPROM (16-kword 횞 8-bit) 256k EEPROM (32-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com