Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSX1250 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # APSX1250
Description  PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX1250 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  APSX1250 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX1250 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX1250 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSX1250 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PowerVerter APS X 1250W 12VDC 230V
Inverter/Charger with Auto-Transfer Switching,
2-C13 Outlets
MODEL NUMBER: APSX1250
Description
Tripp Lite's APSX1250 DC-to-AC inverter with automatic line-to-battery transfer and integrated charging system
serves as an extended run UPS, a standalone power source or an automotive inverter. Supplies up to 1250
watts of continuous 230V AC power to 2 AC outlets from any 12V battery or automotive DC source. OverPower
inverter output feature temporarily provides up to 150% of the continuous output for up to 1-60 minutes and
DoubleBoost inverter output feature delivers up to 200% of the continuous output for up to 10 seconds, providing
the extra power needed to cold start heavy-duty tools and motorized equipment. When AC cable is connected to
a live wall socket, commercial power passes through to connected equipment and the battery set is recharged
via 3 stage, selectable 7.5/30 amp charging system. In UPS mode, the APS system responds to blackouts and
voltage fluctuations with a near instantaneous automatic transfer to battery-derived AC output. Includes a set of
high current DC input terminals for simple installation (user supplies batteries and cabling - see owner's manual
for recommendations). Passes sine wave utility or generator power during battery charging and UPS line power
operation, plus efficient PWM sine wave AC output in inverter and UPS backup modes. Reliable large
transformer design, with frequency control powers resistive electronic loads or large inductive motors,
compressors and other items with high current needs on startup. Optional APSRM4 wired remote power switch
with full status LEDs provides remote power inverter on/off switching and continuous status information
(APSRM4 sold separate). Supports an unlimited amount of runtime with any number of user-supplied batteries
connected. Highly adaptable to a variety of applications and site conditions with adjustable charger settings for
wet/gel battery types and selectable line to battery power transfer voltages.
Features
Supports 230V AC output from a 230V AC line power source or 12V DC battery source
10 millisecond automatic transfer between line and battery power supports UPS protection during blackouts and voltage fluctuations for equipment
compatible with a 1/2 cycle transfer time
Double Boost inverter output supports momentary startup loads up to 200% of the continuous rating for up to 10 seconds (see specification chart)
Highlights
12V DC or 230V AC input; 230V,
50 Hz output; 2 AC outlets
1250 watts continuous, 1875
watts OverPower and 2500 watts
DoubleBoost inverter output (see
specifications)
3 stage, selectable 7.5 / 30 amp
wet/dry cell battery charger with
1/2 cycle transfer time
Auto Transfer Switching option
for battery backup / UPS
operation
Reliability enhanced
large-transformer design with
protected DC terminals
Applications
Versatile inverter/charger system
with auto-transfer switching
serves as an automotive inverter
for RVs, over-the-road trucking,
conversion vans, marine
environments and fleet service
vehicles; a standalone alternative
power source for off-grid,
alternative energy or export
applications and as an
uninterruptible power supply
(UPS) for items compatible with a
10 millisecond transfer time.
NOTE: For sump pump
applications, Tripp Lite
recommends its "UT" Utility Truck
Inverter/Chargers.
Package Includes
APSX1250 Inverter/Charger
Instruction manual with warranty
information
1 / 4


Similar Part No. - APSX1250

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
   PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
More results

Similar Description - APSX1250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS1250 ETC2-APS1250 Datasheet
529Kb / 6P
   PowerVerter짰 APS 1250W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS750 ETC2-APS750 Datasheet
161Kb / 4P
   PowerVerter APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
logo
Tripp Lite. All Rights ...
APSX750 TRIPPLITE-APSX750 Datasheet
515Kb / 4P
   PowerVerter APS X 750W 12VDC 230V
APSINT2012 TRIPPLITE-APSINT2012 Datasheet
170Kb / 5P
   2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
APS3636VR TRIPPLITE-APS3636VR Datasheet
187Kb / 5P
   3600W PowerVerter APS 36VDC 120V Inverter/Charger with Auto-Transfer Switching
logo
List of Unclassifed Man...
EMS1250UL ETC2-EMS1250UL Datasheet
514Kb / 6P
   PowerVerter 1250W Ambulance/EMS Inverter/Charger with 2 Outlets
APS750 ETC2-APS750_14 Datasheet
533Kb / 6P
   PowerVerter짰 APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
logo
Tripp Lite. All Rights ...
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
   PowerVerter APS INT 2000W 12VDC 230V
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
   PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX4048SW TRIPPLITE-APSX4048SW Datasheet
540Kb / 4P
   PowerVerter APS X Series 4000W Inverter/Charger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com